Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBA710 Datasheet(PDF) 5 Page - IXYS Corporation

Part # LBA710
Description  Dual Single-Pole OptoMOS Relay Normally Open & Normally Closed
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LBA710 Datasheet(HTML) 5 Page - IXYS Corporation

  LBA710 Datasheet HTML 1Page - IXYS Corporation LBA710 Datasheet HTML 2Page - IXYS Corporation LBA710 Datasheet HTML 3Page - IXYS Corporation LBA710 Datasheet HTML 4Page - IXYS Corporation LBA710 Datasheet HTML 5Page - IXYS Corporation LBA710 Datasheet HTML 6Page - IXYS Corporation LBA710 Datasheet HTML 7Page - IXYS Corporation LBA710 Datasheet HTML 8Page - IXYS Corporation LBA710 Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
LBA710
www.ixysic.com
5
R02
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Form-B RELAY PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
LED Current (mA)
0.20
0.21
0.22
0.23
0.24
0.25
0.26
0
5
10
15
20
25
Form-B
Typical LED Current to Operate
(N=50, I
L=1A)
Turn-On Time (ms)
0.54
0.57
0.60
0.63
0.66
0.69
0.72
0
5
10
15
20
25
Form-B
Typical Turn-On Time
(N=50, I
F=5mA)
Turn-Off Time (ms)
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
0
5
10
15
20
Form-B
Typical Turn-Off Time
(N=50, I
F=5mA)
LED Forward Voltage (V)
1.220 1.225 1.230 1.235 1.240 1.245 1.250
0
5
10
15
20
25
30
Form-B
Typical LED Forward Voltage Drop
(N=50)
On-Resistance ( )
0.381 0.384 0.387 0.390 0.393 0.396 0.399
0
5
10
15
20
Form-B
Typical On-Resistance Distribution
(N=50, I
F=0mA, IL=1A)
Blocking Voltage (V
P)
69
71
73
75
77
79
81
0
5
10
15
20
25
Form-B
Typical Blocking Voltage Distribution
(N=50, I
F=2mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Form-B
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
I
F=2mA
LED Forward Current (mA)
0
1020
304050
0.620
0.622
0.624
0.626
0.628
0.630
0.632
0.634
0.636
0.638
0.640
Form-B
Typical Turn-On Time
vs. LED Forward Current
(I
L=100mA)
LED Forward Current (mA)
0
1020
304050
0
1
2
3
4
5
6
7
8
Form-B
Typical Turn-Off Time
vs. LED Forward Current
(I
L=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.12
0.16
0.20
0.24
0.28
0.32
Form-B
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.4
0.5
0.6
0.7
0.8
0.9
Form-B
Typical Turn-On Time
vs. Temperature
(I
F=5mA, IL=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
Form-B
Typical Turn-Off Time
vs. Temperature
(I
F=5mA, IL=100mA)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com