Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBA716S Datasheet(PDF) 1 Page - IXYS Corporation

Part # LBA716S
Description  Dual Single-Pole OptoMOS Relays Normally Open & Normally Closed
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LBA716S Datasheet(HTML) 1 Page - IXYS Corporation

  LBA716S Datasheet HTML 1Page - IXYS Corporation LBA716S Datasheet HTML 2Page - IXYS Corporation LBA716S Datasheet HTML 3Page - IXYS Corporation LBA716S Datasheet HTML 4Page - IXYS Corporation LBA716S Datasheet HTML 5Page - IXYS Corporation LBA716S Datasheet HTML 6Page - IXYS Corporation LBA716S Datasheet HTML 7Page - IXYS Corporation LBA716S Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LBA716-R03
1
LBA716
Dual Single-Pole OptoMOS® Relays
Normally Open & Normally Closed
e3
Pb
Part #
Description
LBA716
8-Pin DIP (50/Tube)
LBA716S
8-Pin Surface Mount (50/Tube)
LBA716STR
8-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
Load Voltage
60
V
Load Current
1
A
rms / ADC
On-Resistance (max)
0.4
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of
Normally Open Devices
Switching Characteristics of
Normally Closed Devices
LBA716 is a 60V, 1A, 0.4
 dual Solid State Relay
integrating independent normally open
(1-Form-A) and normally closed (1-Form-B)
relays into a single package. It features a superior
combination of low on-resistance and enhanced peak
load current (5A max.) handling capability.
• Telecommunications
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Utility Meters (gas, oil, electric and water)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL Recognized Component: File # E76270
• CSA Certified Component: Certificate # 1175739
• EN/IEC 60950-1 Certified Component
TUV Certificate B 09 07 49410 004
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements
(TTL/CMOS Compatible)
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Small 8-Pin Package
• Machine Insertable, Wave Solderable
• Surface Mount Version
• Tape & Reel available
1
2
3
4
8
7
6
5
+ Control - Normally Closed
– Control - Normally Closed
+ Control - Normally Open
– Control - Normally Open
Normally Closed
Normally Open
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
Form-B
I
F
10%
90%
I
LOAD
t
on
t
off


Similar Part No. - LBA716S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LBA716S CLARE-LBA716S Datasheet
140Kb / 7P
Dual Single-Pole OptoMOS짰 Relay
LBA716STR CLARE-LBA716STR Datasheet
140Kb / 7P
Dual Single-Pole OptoMOS짰 Relay
More results

Similar Description - LBA716S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LAA125 IXYS-LAA125_12 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
LAA126 IXYS-LAA126_12 Datasheet
123Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
LAA126L IXYS-LAA126L_12 Datasheet
105Kb / 5P
Dual Single-Pole, Normally Open OptoMOS Relays
LBA710 IXYS-LBA710 Datasheet
146Kb / 9P
Dual Single-Pole OptoMOS Relay Normally Open & Normally Closed
PAA110 IXYS-PAA110 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
PAA140 IXYS-PAA140 Datasheet
132Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
PAA140L IXYS-PAA140L Datasheet
123Kb / 7P
Dual Single-Pole, Normally Open, Current-Limiting OptoMOS Relays
PAA150 IXYS-PAA150 Datasheet
115Kb / 5P
Dual Single-Pole, Normally Open OptoMOS Relays
PAA191 IXYS-PAA191 Datasheet
122Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
PBB190 IXYS-PBB190 Datasheet
129Kb / 7P
Dual Single-Pole, Normally Closed OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com