Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM324JC Datasheet(PDF) 2 Page - Estek Electronics Co. Ltd

Part # LM324JC
Description  Quad Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM324JC Datasheet(HTML) 2 Page - Estek Electronics Co. Ltd

  LM324JC Datasheet HTML 1Page - Estek Electronics Co. Ltd LM324JC Datasheet HTML 2Page - Estek Electronics Co. Ltd LM324JC Datasheet HTML 3Page - Estek Electronics Co. Ltd LM324JC Datasheet HTML 4Page - Estek Electronics Co. Ltd LM324JC Datasheet HTML 5Page - Estek Electronics Co. Ltd LM324JC Datasheet HTML 6Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ET-LM324
www.estek.com.cn
Copyright @ Estek Electronics Co., Ltd
Version 0.2
27 July 2011
2
Ordering Information
Part Number
Operating Temperature Range
Package
Packing
LM324KC
SOP-14
Tape & Reel
LM324JC
0
oC ~ +70 oC
DIP-14
Tube
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
Single Supply
32
VCC
VCC, VEE
Power Supply Voltages
Split Supplies
±
16
V
VIDR
Input Differential Voltage Range (Split Power Supplies)
±
32
V
VICR
Input Common Mode Voltage Range
-0.3~32
V
TJ
Junction Temperature
150
oC
TSTG
Storage Temperature (TA=+25
oC)
-55 ~ +125
oC
TL
Lead Temperature, 1mm from Case for 10 Senconds
260
oC
Thermal Characteristics
Symbol
Parameter
Package
Typical Value
Unit
SOP-14
160
θJA
Thermal Resistance From Junction to Ambient in Free Air.
(Measured with the component mounted on a high effective
thermal conductivity test board in free air.)
DIP-14
125
oC/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com