Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCB110 Datasheet(PDF) 4 Page - IXYS Corporation

Part # LCB110
Description  Single-Pole, Normally Closed OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCB110 Datasheet(HTML) 4 Page - IXYS Corporation

  LCB110 Datasheet HTML 1Page - IXYS Corporation LCB110 Datasheet HTML 2Page - IXYS Corporation LCB110 Datasheet HTML 3Page - IXYS Corporation LCB110 Datasheet HTML 4Page - IXYS Corporation LCB110 Datasheet HTML 5Page - IXYS Corporation LCB110 Datasheet HTML 6Page - IXYS Corporation LCB110 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R09
LCB110
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
AC/DC Configuration
DC Configuration
Typical On-Resistance
vs. Temperature
(I
L=120mADC)
Temperature (ºC)
-40
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
Typical Turn-On Time
vs. Temperature
(I
F=5mA, IL=120mADC)
Temperature (ºC)
-40
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-20
0
20
40
60
80
100
I
F =10mA
Typical Turn-Off Time
vs. Temperature
(I
L=120mADC)
Temperature (ºC)
I
F =5mA
-40
50
45
40
35
30
25
20
15
10
5
0
-20
0
20
40
60
80
100
Instantaneous
Typical On-Resistance
vs. Temperature
(I
L=100mA)
Temperature (ºC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Typical I
F for Switch Operation
vs. Temperature
(I
L=120mADC)
Temperature (ºC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical I
F for Switch Dropout
vs. Temperature
(I
L=120mADC)
220
200
180
160
140
120
100
80
60
40
Temperature (ºC)
-40
-20
0
20
40
60
80
120
100
DC Configuration
AC/DC Configuration
Maximum Load Current
vs. Temperature
(I
F=0mA)
Load Voltage (V)
150
100
50
0
-50
-100
-150
-4
-3
-2
-1
1
2
3
0
4
Typical Load Current
vs. Load Voltage
-40
400
395
390
385
380
375
370
365
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Blocking Voltage
vs. Temperature
(I
F=5mA)
-40
0.045
0.040
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured Across Pins 4&6
(I
F=5mA, VL=350V)
Temperature (ºC)
Time
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
10 s
1ms
100ms
10s
100 s
10ms
1s
100s
Energy Rating Curve



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com