Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCC110 Datasheet(PDF) 1 Page - IXYS Corporation

Part # LCC110
Description  1-Form-C OptoMOS Relay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCC110 Datasheet(HTML) 1 Page - IXYS Corporation

  LCC110 Datasheet HTML 1Page - IXYS Corporation LCC110 Datasheet HTML 2Page - IXYS Corporation LCC110 Datasheet HTML 3Page - IXYS Corporation LCC110 Datasheet HTML 4Page - IXYS Corporation LCC110 Datasheet HTML 5Page - IXYS Corporation LCC110 Datasheet HTML 6Page - IXYS Corporation LCC110 Datasheet HTML 7Page - IXYS Corporation LCC110 Datasheet HTML 8Page - IXYS Corporation LCC110 Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LCC110-R06
1
LCC110
1-Form-C OptoMOS® Relay
e3
Pb
Part #
Description
LCC110
8-Pin DIP (50/Tube)
LCC110P
8-Pin Flatpack (50/Tube)
LCC110PTR
8-Pin Flatpack Tape & Reel (1000/Reel)
LCC110S
8-Pin Surface Mount (50/Tube)
LCC110STR
8-Pin Surfact Mount Tape & Reel (1000/Reel)
Parameters
Ratings
Units
Blocking Voltage
350
V
P
Load Current
120
mA
rms / mADC
On-Resistance (max)
35
Applications
Featurges
Description
Ordering Information
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook,
Pocket Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• 3750V
rms Input/Output Isolation
• 1-Form-C Solid State Relay
• Low Drive Power Requirements
(TTL/CMOS Compatible)
• High Reliability
• Arc-Free With No Snubbing Circuits
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Small 8-pin Packages
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Versions Available
LCC110P is a 350V, 120mA, 35
 1-Form-C relay.
This device is ideal for applications where a signal
needs to be switched between two different lines. The
small 8-lead package makes it an ideal space-saving
replacement for a 1-Form-C electromechanical relay
(EMR).
Switching Characteristics for a
1-Form-C Device
Approvals
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
I
F
10%
90%
t on
t off
10%
90%
t on
t off
I
LOAD
I
LOAD
Form-A
Form-B
1
2
3
4
Do Not Use
+ Control
– Control
Do Not Use
8
7
6
5
Normally Closed Pole
Normally Open Pole
AC/DC Configuration
Pin Configuration


Similar Part No. - LCC110

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCC110 CLARE-LCC110 Datasheet
126Kb / 8P
Common Input OptoMOS Relay
LCC110P CLARE-LCC110P Datasheet
126Kb / 8P
Common Input OptoMOS Relay
LCC110PTR CLARE-LCC110PTR Datasheet
126Kb / 8P
Common Input OptoMOS Relay
LCC110S CLARE-LCC110S Datasheet
126Kb / 8P
Common Input OptoMOS Relay
LCC110STR CLARE-LCC110STR Datasheet
126Kb / 8P
Common Input OptoMOS Relay
More results

Similar Description - LCC110

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD6C223 SSOUSA-AD6C223 Datasheet
223Kb / 6P
1 Form C Solid State Relay
logo
Nais(Matsushita Electri...
CQ1-12V NAIS-CQ1-12V Datasheet
51Kb / 3P
1 FORM C AUTOMOTIVE QUIET RELAY
logo
Siemens Semiconductor G...
LH1527 SIEMENS-LH1527 Datasheet
144Kb / 25P
1 Form C
logo
Vishay Siliconix
LH1512BAC VISHAY-LH1512BAC_11 Datasheet
151Kb / 8P
Dual 1 Form A/B, C Solid State Relay
07-Jul-11
logo
IXYS Corporation
LCC120 IXYS-LCC120 Datasheet
133Kb / 8P
1-Form-C OptoMOS Relay
LCA210 IXYS-LCA210 Datasheet
122Kb / 7P
Dual-Pole, 2-Form-A OptoMOS Relay
logo
Adam Technologies, Inc.
RSC-A-1C-X-S ADAM-TECH-RSC-A-1C-X-S Datasheet
91Kb / 1P
RELAY 1 FORM C SEALED TYPE
RSY-1C-12V ADAM-TECH-RSY-1C-12V Datasheet
84Kb / 1P
RELAY 1 FORM C SEALED TYPE
logo
TE Connectivity Ltd
ORWH TEC-ORWH Datasheet
463Kb / 3P
Compact relay with 1 Form A and 1 Form C contact arrangement
logo
Vishay Siliconix
LH1512BA VISHAY-LH1512BA Datasheet
233Kb / 10P
Dual 1 Form A/B, C Solid-State Relay
13-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com