Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCC110S Datasheet(PDF) 3 Page - IXYS Corporation

Part # LCC110S
Description  1-Form-C OptoMOS Relay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LCC110S Datasheet(HTML) 3 Page - IXYS Corporation

  LCC110S Datasheet HTML 1Page - IXYS Corporation LCC110S Datasheet HTML 2Page - IXYS Corporation LCC110S Datasheet HTML 3Page - IXYS Corporation LCC110S Datasheet HTML 4Page - IXYS Corporation LCC110S Datasheet HTML 5Page - IXYS Corporation LCC110S Datasheet HTML 6Page - IXYS Corporation LCC110S Datasheet HTML 7Page - IXYS Corporation LCC110S Datasheet HTML 8Page - IXYS Corporation LCC110S Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
INTEGRATED CIRCUITS DIVISION
LCC110
www.ixysic.com
3
R06
COMMON PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
FORM-A RELAY PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
Typical LED Forward Voltage Drop
(N=50)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F=50mA
I
F=30mA
I
F=20mA
I
F=10mA
I
F=5mA
Typical Leakage vs. Temperature
Measured across Pins 5&6 or 7&8
Temperature (ºC)
-40
0.020
0.018
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Energy Rating Curve
Time
10 s
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100 s
100ms
1s
10ms
10s
100s
Form-A
Typical Turn-On Time
(N=50, I
F=8mA, IL=120mADC)
1.2
2.8
5.2
2.0
3.6
Turn-On Time (ms)
25
20
15
10
5
0
4.4
Form-A
Typical Turn-Off Time
(N=50, I
F=8mA, IL=120mADC)
0.14
0.05
0.32
0.50
0.41
0.23
Turn-Off Time (ms)
25
20
15
10
5
0
Form-A
Typical On-Resistance Distribution
(N=50, I
F=8mA, IL=120mADC)
35
30
25
20
15
10
5
0
19.5
21.5
23.5
25.5
20.5
22.5
24.5
On-Resistance ( )
Form-A
Typical I
F for Switch Operation
(N=50, I
L=120mADC)
1.2
2.8
4.4
2.0
3.6
5.2
LED Current (mA)
25
20
15
10
5
0
Form-A
Typical I
F for Switch Dropout
(N=50, I
L=120mADC)
25
20
15
10
5
0
LED Current (mA)
1.2
2.0
3.6
5.2
2.8
4.4
Form-A
Typical Blocking Voltage Distribution
(N=50)
35
30
25
20
15
10
5
0
400
440
480
520
420
460
500
Blocking Voltage (V
P)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com