Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDA100S Datasheet(PDF) 1 Page - IXYS Corporation

Part # LDA100S
Description  Optocoupler, Bidirectional Input Single-Transistor Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDA100S Datasheet(HTML) 1 Page - IXYS Corporation

  LDA100S Datasheet HTML 1Page - IXYS Corporation LDA100S Datasheet HTML 2Page - IXYS Corporation LDA100S Datasheet HTML 3Page - IXYS Corporation LDA100S Datasheet HTML 4Page - IXYS Corporation LDA100S Datasheet HTML 5Page - IXYS Corporation LDA100S Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-LDA100-R06
1
LDA100
Optocoupler, Bidirectional Input
Single-Transistor Output
e3
Pb
Part Number
Description
LDA100
6-Pin DIP (50/Tube)
LDA100S
6-Pin Surface Mount (50/Tube)
LDA100STR
6-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
Breakdown Voltage BV
CEO
30
V
P
Current Transfer Ratio (Typical)
300
%
Saturation Voltage
0.5
V
Input Control Current
1
mA
Applications
Features
Description
Ordering Information
Pin Configuration
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Loop Detect
• Ringing Detect
• Current Sensing
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements
(TTL/CMOS Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Small 6-Pin Package, Thru-Hole or Surface Mount
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Version Available
The LDA100 is a bidirectional-input optocoupler
with a single-transistor output. Optically coupled
technology provides a 3750V
rms isolation barrier
between the input and the output.
Approvals
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 006
1
3
2
4
5
6
A/K
A/K
B
C
E


Similar Part No. - LDA100S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LDA100S CLARE-LDA100S Datasheet
69Kb / 5P
Solid State Current Sensors
logo
CINCON ELECTRONICS Corp...
LDA100S CINCON-LDA100S Datasheet
247Kb / 2P
100W SINGLE OUTPUT LED POWER SUPPLY
LDA100S142 CINCON-LDA100S142 Datasheet
247Kb / 2P
100W SINGLE OUTPUT LED POWER SUPPLY
LDA100S214 CINCON-LDA100S214 Datasheet
247Kb / 2P
100W SINGLE OUTPUT LED POWER SUPPLY
LDA100S214A CINCON-LDA100S214A Datasheet
247Kb / 2P
100W SINGLE OUTPUT LED POWER SUPPLY
More results

Similar Description - LDA100S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL250 SIEMENS-IL250 Datasheet
76Kb / 3P
BIDIRECTIONAL INPUT OPTOCOUPLER
IL766B SIEMENS-IL766B Datasheet
21Kb / 1P
BIDIRECTIONAL INPUT OPTOCOUPLER
ILD255 SIEMENS-ILD255 Datasheet
77Kb / 2P
BIDIRECTIONAL INPUT OPTOCOUPLER
logo
Clare, Inc.
CPC1001N CLARE-CPC1001N Datasheet
109Kb / 4P
Unidirectional Input, Single-Transistor Output Optocoupler
LDA102 CLARE-LDA102 Datasheet
128Kb / 5P
Unidirectional-Input, Single-Transistor Output Optocoupler
LDA110 CLARE-LDA110_1 Datasheet
116Kb / 5P
Bidirectional Input, Darlington Transistor Output Optocoupler
logo
IXYS Corporation
CPC1001N IXYS-CPC1001N Datasheet
125Kb / 5P
Optocoupler: Unidirectional Input, Single-Transistor Output
LDA101 IXYS-LDA101 Datasheet
120Kb / 6P
Optocoupler, Unidirectional Input Single-Transistor Output
LDA102 IXYS-LDA102 Datasheet
120Kb / 6P
Optocoupler, Unidirectional Input Single-Transistor Output
LDA110 IXYS-LDA110 Datasheet
118Kb / 6P
Optocoupler, Bidirectional Input Darlington-Transistor Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com