Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV601LC Datasheet(PDF) 7 Page - Analog Devices

Part # ADV601LC
Description  Ultralow Cost Video Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601LC Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV601LC Datasheet HTML 3Page - Analog Devices ADV601LC Datasheet HTML 4Page - Analog Devices ADV601LC Datasheet HTML 5Page - Analog Devices ADV601LC Datasheet HTML 6Page - Analog Devices ADV601LC Datasheet HTML 7Page - Analog Devices ADV601LC Datasheet HTML 8Page - Analog Devices ADV601LC Datasheet HTML 9Page - Analog Devices ADV601LC Datasheet HTML 10Page - Analog Devices ADV601LC Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
ADV601LC
–7–
REV. 0
THE PROGRAMMABLE QUANTIZER
This block quantizes the filtered image based on the response
profile of the human visual system. In general, the human eye
cannot resolve high frequencies in images to the same level of
accuracy as lower frequencies. Through intelligent “quantiza-
tion” of information contained within the filtered image, the
ADV601LC achieves compression without compromising the
visual quality of the image. Figure 7 shows the encode and de-
code data formats used by the quantizer.
Figure 8 shows how a typical quantization pattern applies over
Mallat block data. The high frequency blocks receive much
larger quantization (appear darker) than the low frequency
blocks (appear lighter). Looking at this figure, one sees some key
point concerning quantization: (1) quantization relates directly
to frequency in Mallat block data and (2) levels of quantization
range widely from high to low frequency block. (Note that the
fill is based on a log formula.) The relation between actual
ADV601LC bin width factors and the Mallat block fill pattern
in Figure 8 appears in Table II.
9.7
WAVELET
DATA
6.10 1/BW
15.17 DATA
0.5
15.0 BIN
NUMBER
QUANTIZER - ENCODE MODE
TRNC
SIGNED
SIGNED
UNSIGNED
1/BW
QUANTIZER - DECODE MODE
8.8 BW
23.8 DEQUANTIZED
WAVELET DATA
9.7
WAVELET
DATA
15.0 BIN
NUMBER
SIGNED
SIGNED
UNSIGNED
SAT
BW
Figure 7. Programmable Quantizer Data Flow
41
38
35
32
26
23
29
20
17
14
8
5
11
2
39
36
33
30
24
21
27
18
15
12
6
3
9
0
Y COMPONENT
40
37
34
31
25
22
28
19
16
13
7
4
10
1
Cb COMPONENT
Cr COMPONENT
LOW
HIGH
QUANTIZATION OF MALLAT BLOCKS
Figure 8. Typical Quantization of Mallat Data Blocks (Graphed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com