Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7121 Datasheet(PDF) 4 Page - Analog Devices

Part # ADV7121
Description  CMOS 80 MHz, Triple 10-Bit Video DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7121 Datasheet(HTML) 4 Page - Analog Devices

  ADV7121 Datasheet HTML 1Page - Analog Devices ADV7121 Datasheet HTML 2Page - Analog Devices ADV7121 Datasheet HTML 3Page - Analog Devices ADV7121 Datasheet HTML 4Page - Analog Devices ADV7121 Datasheet HTML 5Page - Analog Devices ADV7121 Datasheet HTML 6Page - Analog Devices ADV7121 Datasheet HTML 7Page - Analog Devices ADV7121 Datasheet HTML 8Page - Analog Devices ADV7121 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADV7121/ADV7122
–4–
REV. B
TIMING CHARACTERISTICS1
(VAA = +5 V
5%; VREF = +1.235 V; RL = 37.5
, CL = 10 pF; RSET = 560
.
All Specifications TMIN to TMAX
2 unless otherwise noted.)
Parameter
80 MHz Version
50 MHz Version
30 MHz Version
Units
Conditions/Comments
fmax
80
50
30
MHz max
Clock Rate
t1
3
6
8
ns min
Data & Control Setup Time
t2
2
2
2
ns min
Data & Control Hold Time
t3
12.5
20
33.3
ns min
Clock Cycle Time
t4
4
7
9
ns min
Clock Pulse Width High Time
t5
4
7
9
ns min
Clock Pulse Width Low Time
t6
30
30
30
ns max
Analog Output Delay
20
20
20
ns typ
t7
3
3
3
ns max
Analog Output Rise/Fall Time
t8
3
12
15
15
ns typ
Analog Output Transition Time
NOTES
1TTL input values are 0 to 3 volts, with input rise/fall times
≤ 3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and
outputs. See timing notes in Figure 1.
2Temperature range (T
MIN to TMAX): 0°C to +70°C.
3Sample tested at +25
°C to ensure compliance.
Specifications subject to change without notice.
CLOCK
DATA
DIGITAL INPUTS
(R0–R9, G0–G9, B0–B9;
SYNC, BLANK)
t4
t5
t6
t2
t1
t8
t7
ANALOG OUTPUTS
(IOR, IOG, IOB)
t3
1. OUTPUT DELAY (t6) MEASURED FROM THE 50% POINT OF THE
RISING EDGE OF THE CLOCK TO THE 50% POINT OF
FULL-SCALE TRANSITION.
2. TRANSITION TIME (t8) MEASURED FROM THE 50% POINT OF
FULL-SCALE TRANSITION TO WITHIN 2% OF THE FINAL OUTPUT
VALUE.
3. OUTPUT RISE/FALL TIME (t7) MEASURED BETWEEN THE 10%
AND 90% POINTS OF FULL-SCALE TRANSITION.
4 SYNC AND BLANK DIGITAL INPUTS ARE NOT PROVIDED ON
NOTES
Figure 1. Video Input/Output Timing
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Units
Power Supply
VAA
4.75
5.00
5.25
Volts
Ambient Operating
Temperature
TA
0
+70
°C
Output Load
RL
37.5
Ω
Reference Voltage
VREF
1.14
1.235
1.26
Volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com