Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7129 Datasheet(PDF) 10 Page - Analog Devices

Part # ADV7129
Description  192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7129 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV7129 Datasheet HTML 6Page - Analog Devices ADV7129 Datasheet HTML 7Page - Analog Devices ADV7129 Datasheet HTML 8Page - Analog Devices ADV7129 Datasheet HTML 9Page - Analog Devices ADV7129 Datasheet HTML 10Page - Analog Devices ADV7129 Datasheet HTML 11Page - Analog Devices ADV7129 Datasheet HTML 12Page - Analog Devices ADV7129 Datasheet HTML 13Page - Analog Devices ADV7129 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADV7129
–10–
REV. 0
SENSE
If any one or more of the analog outputs, IOG, IOR and IOB,
exceed the internal voltage reference level (due to absence of
CRT), SENSE is set to logic “1.” The SENSE output can drive
one CMOS load and can be used to determine the absence of a
CRT monitor.
CLOCK CONTROL CIRCUIT
The ADV7129 has an integrated clock control circuit. This cir-
cuit is capable of generating the internal clocking signals.
A lower frequency external clock generator is used by enabling
the onboard PLL. This fixed multiple PLL is used to speed up
LOADIN by a factor of 8. This onboard 8
× clock multiplier is
activated by setting Bit CR20 of Command Register 2 from
logic “0” to logic “1.” It must be set up after power-up.
MICROPROCESSOR (MPU) PORT
The ADV7129 supports a standard MPU interface. All the
functions of the part are controlled via this MPU port. Direct
access is gained to the address register and all the control regis-
ters as well as the cursor palette. The following sections de-
scribe the setup for reading and writing to all of the devices’
registers.
MPU Interface
The MPU interface consists of a bidirectional, 8-bit wide data-
bus and interface control signals R/W, CE, C1, C0. Two write
operations are required to set up the lower 8 bits and higher
2 bits of the Address Register.
Register Mapping
The ADV7129 contains a number of onboard registers includ-
ing the Address Register, Command Registers and Gain Error
Registers. Control Lines C1-C0 determine whether the Address
Register is being pointed to (upper or lower bytes) or whether
the other registers are being accessed.
The R/W and CE control inputs allow read and write access.
All registers can to read and written to.
Power-On Reset
After power-up, the ADV7129 must be set to perform a reset
operation. This is achieved by resetting the PLL (a low to high
transition on Bit CR20 of Command Register 2). This initial-
izes the pixel port such that the pixel sequence ABCDEFGH
starts at A. This reset can be performed as the registers are be-
ing initialized. The Command Registers power up in an indeter-
minate state and must be set up for the required operation. The
power-on is activated when VAA goes from 0 V to 5 V. This is
active for 1
µs. The ADV7129 should not be accessed during
this period.
Register Accesses
The MPU can write to or read from all of the ADV7129s’ regis-
ters. Figure 6 shows the Control Registers and C1-C0 Control
Input Truth Table. The read/write timing is controlled by the
CE
and R/W inputs. The Address Register determines which
Control Register is being accessed.
The registers can be addressed directly by two write cycles to set
up the high and low bytes of Address Register and then by a
read or write cycle of the MPU.
(continued from page 1)
The ADV7129 supports 24-bit true-color formats where screen
resolution is the primary design goal. The individual Red,
Green and Blue pixel input ports allow true-color image rendi-
tion at resolutions of 2048
× 2048 × 24 bit.
The ADV7129 is capable of generating RGB video output sig-
nals that are compatible with RS-343A and RS-170 video stan-
dards, without requiring external buffering.
An internal voltage reference is also provided to simplify system
design.
The ADV7129 is fabricated in a +5 V CMOS process.
The ADV7129 is packaged in a 304-pin PQFP package.
CIRCUIT DETAILS AND OPERATION
Digital video or pixel data is latched into the ADV7129 over the
pixel port. The data is multiplexed and latched into the three 8-
bit digital-to-analog converters (DACs) and output as an RGB
video signal.
The ADV7129 can be broken into three sections for purposes of
clarity of explanation:
1. Pixel port and clock control circuit.
2. MPU port, registers and cursor.
3. Digital-to-analog converters and video outputs.
Pixel Port and Clock Circuits
The pixel port of the ADV7129 is directly interfaced to the
video/graphics pipeline of a computer graphics subsystem. It is
connected directly through a gate array to the video RAM of the
system’s frame buffer. The pixel port of the ADV7129 consists of:
Color Data:
RED, GREEN, BLUE
Pixel Controls:
HSYNC
, VSYNC, CSYNC, BLANK
The associated clocking signals for the pixel port include:
Clock Input
LOADIN
Clock Output
LOADOUT
Pixel Port (Color Data)
The ADV7129 has 192 color data inputs. This supports 24-bit
true color with 8:1 multiplexing.
Color data is always latched on the rising edge of LOADIN.
LOADOUT is generated internally by the ADV7129. The fre-
quency of LOADOUT is the internal clock frequency (PCLK)
divided by 8.
Other pixel data signals latched into the part by LOADIN in-
clude HSYNC, BLANK, VSYNC and CSYNC.
HSYNC
, VSYNC, CSYNC, BLANK
The BLANK and SYNC video control signals drive the analog
outputs to the blanking and sync levels respectively. These are
latched on the rising edge of LOADIN. The SYNC information
can be encoded onto any of the IOG, IOR or IOB analog out-
puts by setting Bits CR12, CR13 or CR14 of Command Regis-
ter 1 to logic “1.”
The SYNC information is ignored if Bits CR12, CR13 and
CR14 of Command Register 1 are set to logic “0.”
The SYNC and BLANK information can be decoded onto the
inverted outputs by setting CR10 and CR11 of Command
Register 1 to logic level “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com