Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7150 Datasheet(PDF) 29 Page - Analog Devices

Part # ADV7150
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7150 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADV7150 Datasheet HTML 25Page - Analog Devices ADV7150 Datasheet HTML 26Page - Analog Devices ADV7150 Datasheet HTML 27Page - Analog Devices ADV7150 Datasheet HTML 28Page - Analog Devices ADV7150 Datasheet HTML 29Page - Analog Devices ADV7150 Datasheet HTML 30Page - Analog Devices ADV7150 Datasheet HTML 31Page - Analog Devices ADV7150 Datasheet HTML 32Page - Analog Devices ADV7150 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
ADV7150
–29–
REV. A
APPENDIX 4
MULTIPLE PALETTE APPLICATIONS
Palette Priority Select Inputs
The palette priority selection inputs allow up to four separate
palette devices to be used in a single system to drive a single
monitor with subpixel resolution. The IOR, IOG and IOB ana-
log video output signals of each device are connected together,
as shown. Signal inputs (PS0, PS1) determine on a pixel by pixel
basis which palette device drives the monitor. This allows for
implementation of multiple windows applications with each
device acting as an independent palette. During initialization,
each device is assigned two match bits, MR16 (PS0) and MR17
(PS1) in Mode Register MR1. PS0 and PS1 inputs will select
one of the preprogrammed devices at any instant when PS0, PS1
matches MR16, MR17, respectively. PS0 and PS1 are multi-
plexed similar to the pixel data, thus allowing for subpixel resolu-
tion. The diagrams show an example of one ADV7150 operating in
conjunction with three ADV7151’s (Pseudo-Color RAM-DACs).
Each displayed window on the monitor is driven by one of the
four devices, as determined on a pixel basis by PS0, PS1. Each
device’s analog output signals are connected together as shown.
Note: Only one palette device is selected at any particular
instant. The analog output levels of the unselected devices will
be 0 mA.
Other applications for the palette priority function using a mini-
mum of two devices (one ADV7150 and one ADV7151) include:
Cursor Overlay on 24-Bit Graphics
Active Live Video Overlay (from Frame Grabber)
Text/Character Generation and Overlay
DACs
IOR,
IOG,
IOB
ZO = 75Ω
ZS = 75Ω
(SOURCE
TERMINATION)
ZL = 75Ω
(MONITOR)
(CABLE)
DACs
IOR, IOG, IOB
(DEVICE: 2)
(DEVICE: 1)
Multiple Devices Termination for a Single Monitor
ADV7150
ADV7151 (1)
256 x 30
RAM
256 x 30
PALETTE
PALETTE SELECT BITS
ANALOG
O/P
RGB
ANALOG
VIDEO
VIDEO TO MONITOR
PS0, PS1
256 x 30
PALETTE
RGB
ANALOG
VIDEO
RGB
ANALOG
VIDEO
ADV7151 (2)
ADV7151 (3)
R0–R7
G0–G7
B0–B7
WINDOW 1
(Pseudo-Color)
PS0=0: PS1=1
WINDOW 3
(Pseudo-Color)
PS0=1: PS1=1
MONITOR
WINDOW 2
(Pseudo-Color)
PS0=1: PS1=0
TRUE-COLOR BACKGROUND
MR16
MR17
0
0
PALETTE SELECT BITS
MR16
MR17
0
1
PALETTE SELECT BITS
MR16
MR17
1
0
PALETTE SELECT BITS
MR16
MR17
1
1
256 x 30
PALETTE
P0–P7
Multiple Devices Driving a Multiwindow Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com