Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7190 Datasheet(PDF) 39 Page - Analog Devices

Part # ADV7190
Description  Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7190 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADV7190 Datasheet HTML 35Page - Analog Devices ADV7190 Datasheet HTML 36Page - Analog Devices ADV7190 Datasheet HTML 37Page - Analog Devices ADV7190 Datasheet HTML 38Page - Analog Devices ADV7190 Datasheet HTML 39Page - Analog Devices ADV7190 Datasheet HTML 40Page - Analog Devices ADV7190 Datasheet HTML 41Page - Analog Devices ADV7190 Datasheet HTML 42Page - Analog Devices ADV7190 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
ADV7190/ADV7191
–39–
REV. 0
HUE ADJUST CONTROL REGISTER (HCR)
(Address (SR5–SR0) = 20H)
T
he hue control register is an 8-bit-wide register used to adjust
the hue on the composite and chroma outputs. Figure 74 shows
the operation under control of this register.
HCR7 – HCR0
HUE ADJUST VALUE
HCR7
HCR6
HCR5
HCR4
HCR3
HCR2
HCR1
HCR0
Figure 74. Hue Adjust Control Register
HCR Bit Description
Hue Adjust Value (HCR0–HCR7)
These eight bits represent the value required to vary the hue of
the video data, i.e., the variance in phase of the subcarrier during
active video with respect to the phase of the subcarrier during the
colorburst. The ADV7190/ADV7191 provides a range of
±22.5°
increments of 0.17578125
°. For normal operation (zero adjust-
ment) this register is set to 80Hex. FFHex and 00Hex represent
the upper and lower limit (respectively) of adjustment attainable.
Hue Adjust [
°] = 0.17578125° × (HCRd – 128); for positive Hue
Adjust Value
Example:
To adjust the hue by 4
° write 97
h to the Hue Adjust Control
Register:
(4/0.17578125) + 128 = 151d* = 97h
To adjust the hue by (–4
°) write 69h to the Hue Adjust Control
Register:
(–4/0.17578125) + 128 = 10dd* = 69h
*Rounded to the nearest integer.
BRIGHTNESS CONTROL REGISTERS (BCR)
(Address (SR5–SR0) = 21H)
The brightness register is an 8-bit-wide register which allows
brightness control. Figure 75 shows the operation under control
of this register.
BCR BIT DESCRIPTION
Brightness Value (BCR0–BCR6)
Seven bits of this 8-bit-wide register are used to control the
brightness level. The brightness is controlled by adding a pro-
grammable setup level onto the scaled Y data. This brightness
level can be a positive or negative value.
The programmable brightness level in NTSC without pedestal
and PAL are max 15 IRE and min –7.5 IRE, in NTSC with
pedestal max 22.5 IRE and min 0 IRE.
Table IV. Brightness Control Register Value
S
etup
Setup
Brightness
Level in
Level in
Setup
Control
NTSC with
NTSC No
Level in
Register
Pedestal
Pedestal
PAL
Value
22.5 IRE
15 IRE
15 IRE
1Eh
15 IRE
7.5 IRE
7.5 IRE
0Fh
7.5 IRE
0 IRE
0 IRE
00h
0 IRE
–7.5 IRE
–7.5 IRE
71h
NOTE
Values in the range from 3Fh to 44h might result in an invalid output signal.
EXAMPLE
1. Standard: NTSC with Pedestal. To add +20 IRE brightness level, write 28h into the Brightness Control Register:
[Brightness Control Register Value]h = [IRE Value
2.015631]h = [20
× 2.015631]h = [40.31262]h = 28h
2. Standard: PAL. To add –7 IRE brightness level write 72h into the Brightness Control Register:
[|IRE Value|
× 2.015631] = [7 × 2.015631] = [14.109417] = 0001110b
[0001110] into two’s complement = 1110010b = 72h
BCR6 – BCR0
BRIGHTNESS VALUE
BCR7
ZERO MUST BE
WRITTEN TO
THIS BIT
BCR7
BCR6
BCR5
BCR4
BCR3
BCR2
BCR1
BCR0
100 IRE
0 IRE
+7.5 IRE
–7.5 IRE
NTSC WITHOUT PEDESTAL
NO SETUP VALUE
ADDED
POSITIVE SETUP
VALUE ADDED
WRITE TO BRIGHTNESS
CONTROL REGISTER: 12h
NEGATIVE SETUP
VALUE ADDED
WRITE TO BRIGHTNESS
CONTROL REGISTER: 6Eh
Figure 75. Brightness Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com