Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7192 Datasheet(PDF) 6 Page - Analog Devices

Part # ADV7192
Description  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7192 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV7192 Datasheet HTML 2Page - Analog Devices ADV7192 Datasheet HTML 3Page - Analog Devices ADV7192 Datasheet HTML 4Page - Analog Devices ADV7192 Datasheet HTML 5Page - Analog Devices ADV7192 Datasheet HTML 6Page - Analog Devices ADV7192 Datasheet HTML 7Page - Analog Devices ADV7192 Datasheet HTML 8Page - Analog Devices ADV7192 Datasheet HTML 9Page - Analog Devices ADV7192 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
ADV7192
–6–
REV. 0
5 V TIMING CHARACTERISTICS
Parameter
Min
Typ
Max
Unit
Test Conditions
MPU PORT
2
SCLOCK Frequency
0
400
kHz
SCLOCK High Pulsewidth, t1
0.6
µs
SCLOCK Low Pulsewidth, t2
1.3
µs
Hold Time (Start Condition), t3
0.6
µs
After This Period the First Clock Is Generated
Setup Time (Start Condition), t4
0.6
µs
Relevant for Repeated Start Condition
Data Setup Time, t5
100
ns
SDATA, SCLOCK Rise Time, t6
300
ns
SDATA, SCLOCK Fall Time, t7
300
ns
Setup Time (Stop Condition), t8
0.6
µs
ANALOG OUTPUTS2
Analog Output Delay
8
ns
DAC Analog Output Skew
0.1
ns
CLOCK CONTROL AND PIXEL
PORT
3
fCLOCK
27
MHz
Clock High Time, t9
82
ns
Clock Low Time, t10
83
ns
Data Setup Time, t11
6
2.5
ns
Data Hold Time, t12
5
2.0
ns
Control Setup Time, t11
6ns
Control Hold Time, t12
4ns
Digital Output Access Time, t13
13
ns
Digital Output Hold Time, t14
12
ns
Pipeline Delay, t15 (2
× Oversampling)
57
Clock Cycles
Pipeline Delay, t15 (4
× Oversampling)
67
Clock Cycles
TELETEXT PORT
4
Digital Output Access Time, t16
11
ns
Data Setup Time, t17
3ns
Data Hold Time, t18
6ns
RESET CONTROL
RESET Low Time
3
20
ns
PLL
2
PLL Output Frequency
54
MHz
NOTES
1Temperature range T
MIN to TMAX: 0
°C to 70°C.
2Guaranteed by characterization.
3Pixel Port consists of:
Data: P7–P0, Y0/P8–Y7/P15 Pixel Inputs
Control: HSYNC, VSYNC, BLANK
Clock: CLKIN
4Teletext Port consists of:
Digital Output: TTXRQ
Data: TTX
Specifications subject to change without notice.
(VAA = 5 V
250 mV, VREF = 1.235 V, RSET1,2 = 1200 V unless otherwise noted. All
specifications TMIN to TMAX
1 unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com