Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7239 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT7239
Description  5A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7239 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT7239 Datasheet HTML 5Page - Richtek Technology Corporation RT7239 Datasheet HTML 6Page - Richtek Technology Corporation RT7239 Datasheet HTML 7Page - Richtek Technology Corporation RT7239 Datasheet HTML 8Page - Richtek Technology Corporation RT7239 Datasheet HTML 9Page - Richtek Technology Corporation RT7239 Datasheet HTML 10Page - Richtek Technology Corporation RT7239 Datasheet HTML 11Page - Richtek Technology Corporation RT7239 Datasheet HTML 12Page - Richtek Technology Corporation RT7239 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
RT7235/36/39/40
9
DS7235/36/39/40-00
March 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Switching Frequency vs. Temperature
600
610
620
630
640
650
660
670
680
690
700
-50
-25
0
25
50
75
100
125
Temperature (°C)
Current Limit vs. Input Voltage
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
46
8
10
12
14
16
18
Input Voltage (V)
Current Limit vs. Temperature
5.0
5.5
6.0
6.5
7.0
7.5
8.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 12V, VOUT = 1.05V
Time (100
μs/Div)
Load Transient Response
IOUT
(2A/Div)
VOUT
(20mV/Div)
VOUT = 12V, VOUT = 1.05V, IOUT = 1A to 2A
RT7235/36/39/40
VOUT = 12V, VOUT = 1.05V, IOUT = 1A to 5A
Switching Frequency vs. Input Voltage
600
610
620
630
640
650
660
670
680
690
700
46
8
10
12
14
16
18
Input Voltage (V)
Time (100
μs/Div)
Load Transient Response
IOUT
(2A/Div)
VOUT
(20mV/Div)
RT7235/39
VOUT = 12V, VOUT = 1.05V, IOUT = 0A to 5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com