Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPKC645F Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SPKC645F
Description  SCHOTTKY BARRIER SOLAR RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SPKC645F Datasheet(HTML) 1 Page - Rectron Semiconductor

  SPKC645F Datasheet HTML 1Page - Rectron Semiconductor SPKC645F Datasheet HTML 2Page - Rectron Semiconductor SPKC645F Datasheet HTML 3Page - Rectron Semiconductor SPKC645F Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VOLTAGE 45 Volts CURRENT 6 Amperes
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
SPKC645F
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
* Low switching noise
* Low forward voltage drop
* Low thermal resistance
* High current capability
* High surge capabitity
* High reliability
* Ideal for solar panel PV application such as By-Pass diode
* Case: Slim PAQ
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum DC Forward Current @TL=125
oC(Note 1)
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
SYMBOL
VRRM
VDC
IFSM
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
6
300
Amps
0 C
Storage Temperature Range
IO
Operating Temperature Range
TJ
175(Tj<200C in Bypass Mode)
-55 to + 175
0 C
SPKC645F
45
31.5
45
SPKC645F
NOTES : 1. Heat-sink mounted 10mm max from body
2. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
2010-05
REV: A
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
uA
Maximum Instantaneous Forward
Voltage at 6 A DC
Volts
100
2.5
@TA = 25
oC
@TA = 75
oC
.55
.47
@TA = 25
oC
@TA = 75
oC
mA
UNITS
SlimPAQ
.492 (12.5)
.452 (11.5)
.037 (0.95)
.043 (1.10)
.492 (12.5)
.452 (11.5)
.006 (0.15)
.010 (0.25)
.260 (6.60)
.280 (7.11)
.220 (5.59)
.245 (6.22)
.138 (3.5)
.098 (2.5)
1.25mm(Max.)
Typical Current Square Time
I2T
A2S
373.3
Typical Thermal Resistance
7.6
15.0
3.8
0 C/ W
R
θ JC
R
θ JA
R
θ JL
3. Available in Halogen-free epoxy by adding suffix -HF after the part nbr.
SCHOTTKY BARRIER SOLAR RECTIFIER


Similar Part No. - SPKC645F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SPKC1230F RECTRON-SPKC1230F Datasheet
113Kb / 4P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 30 Volts CURRENT 12 Amperes
SPKC1240F RECTRON-SPKC1240F Datasheet
107Kb / 4P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 40 and 45 Volts CURRENT 12 Amperes
SPKC1245FL RECTRON-SPKC1245FL Datasheet
558Kb / 6P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 12 Amperes
SPKC1290 RECTRON-SPKC1290 Datasheet
103Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 90 Volts CURRENT 12.0 Amperes
SPKC1390 RECTRON-SPKC1390 Datasheet
104Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 90 Volts CURRENT 12.5 Amperes
More results

Similar Description - SPKC645F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SPKC1645 RECTRON-SPKC1645 Datasheet
311Kb / 4P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 16 Amperes
SPK1645 RECTRON-SPK1645 Datasheet
101Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 16 Amperes
SPK2040 RECTRON-SPK2040 Datasheet
101Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER
SPK3040 RECTRON-SPK3040 Datasheet
110Kb / 4P
SCHOTTKY BARRIER SOLAR RECTIFIER
SPKC845F RECTRON-SPKC845F Datasheet
103Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 8 Amperes
SPKC1645 RECTRON-SPKC1645_10 Datasheet
102Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 16 Amperes
logo
Shanghai Shunye Electro...
10SQ030 SHUNYE-10SQ030 Datasheet
352Kb / 2P
SOLAR CELL SCHOTTKY RECTIFIER DIODE
logo
First Silicon Co., Ltd
SB1045 FS-SB1045 Datasheet
335Kb / 2P
Photovoltaic Solar cell Protection Schottky Rectifier 45V/10A SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SPKC20100F RECTRON-SPKC20100F Datasheet
606Kb / 5P
SCHOTTKY BARRIER SOLAR RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com