Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8015 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8015
Description  2A, 2MHz, Synchronous Step-Down Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8015 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8015 Datasheet HTML 1Page - Richtek Technology Corporation RT8015 Datasheet HTML 2Page - Richtek Technology Corporation RT8015 Datasheet HTML 3Page - Richtek Technology Corporation RT8015 Datasheet HTML 4Page - Richtek Technology Corporation RT8015 Datasheet HTML 5Page - Richtek Technology Corporation RT8015 Datasheet HTML 6Page - Richtek Technology Corporation RT8015 Datasheet HTML 7Page - Richtek Technology Corporation RT8015 Datasheet HTML 8Page - Richtek Technology Corporation RT8015 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT8015
1
DS8015-03
March 2011
www.richtek.com
Applications
l
Portable Instruments
l
Battery-Powered Equipment
l
Notebook Computers
l
Distributed Power Systems
l
IP Phones
l
Digital Cameras
General Description
The RT8015 is a high efficiency synchronous, step-down
DC/DC converter. Its input voltage range is from 2.6V to
5.5V and provides an adjustable regulated output voltage
from 0.8V to 5V while delivering up to 2A of output current.
The internal synchronous low on-resistance power
switches increase efficiency and eliminate the need for
an external Schottky diode. Switching frequency is set
by an external resistor or can be synchronized to an
external clock. 100% duty cycle provides low dropout
operation extending battery life in portable systems.
Current mode operation with external compensation
allows the transient response to be optimized over a wide
range of loads and output capacitors.
RT8015 operation in forced continuous PWM Mode which
minimizes ripple voltage and reduces the noise and RF
interference. 100% duty cycle in Low Dropout Operation
further maximize battery life.
Ordering Information
Pin Configurations
(TOP VIEW)
2A, 2MHz, Synchronous Step-Down Regulator
SOP-8 (Exposed Pad)
Note :
Richtek products are :
} RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
} Suitable for use in SnPb or Pb-free soldering processes.
Features
l
High Efficiency : Up to 95%
l
Low RDS(ON) Internal Switches : 110m
Ω
l
Programmable Frequency : 300kHz to 2MHz
l
No Schottky Diode Required
l
0.8V Reference Allows Low Output Voltage
l
Forced Continuous Mode Operation
l
Low Dropout Operation : 100% Duty Cycle
l
RoHS Compliant and 100% Lead (Pb)-Free
SHDN/RT
GND
LX
PGND
COMP
FB
PVDD
VDD
GND
2
3
4
5
6
7
8
9
Package Type
SP : SOP-8 (Exposed Pad-Option 2)
RT8015
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT8015

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8015AGQW RICHTEK-RT8015AGQW Datasheet
230Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
3A, 2MHz, Synchronous Step-Down Converter
RT8015BGQW RICHTEK-RT8015BGQW Datasheet
457Kb / 16P
3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - RT8015

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8011 RICHTEK-RT8011 Datasheet
414Kb / 17P
2A, 4MHz, Synchronous Step-Down Regulator
logo
Semtech Corporation
SC183C SEMTECH-SC183C Datasheet
1Mb / 20P
2.5MHz, 2A Synchronous Step-Down Regulator
logo
Richtek Technology Corp...
RT8062 RICHTEK-RT8062 Datasheet
150Kb / 11P
2A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
2A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
2A, 2MHz, Synchronous Step-Down Converter
logo
Global Mixed-mode Techn...
G5719 GMT-G5719 Datasheet
86Kb / 2P
1MHz, 2A Synchronous Step-Down Regulator
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
2A Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6163 FEELING-FP6163 Datasheet
667Kb / 19P
1.5MHz, 2A Synchronous Step-Down Regulator
FP6169 FEELING-FP6169 Datasheet
446Kb / 13P
1.5MHz, 2A Synchronous Step-Down Regulator
logo
Shenzhen Huazhimei Semi...
HM1482D HMSEMI-HM1482D Datasheet
1Mb / 7P
30V 2A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com