Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPKT1845 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SPKT1845
Description  SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 18 Amperes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SPKT1845 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SPKT1845_10 Datasheet HTML 1Page - Rectron Semiconductor SPKT1845_10 Datasheet HTML 2Page - Rectron Semiconductor SPKT1845_10 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY BARRIER SOLAR RECTIFIER
VOLTAGE 45 Volts CURRENT 18 Amperes
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
SPKT1845
TO-220A
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
* Low switching noise
* Low forward voltage drop
* Low thermal resistance
* High current capability
* High surge capabitity
* High reliability
* ideal for solar panel PV application such as By-Pass diode
* Case: TO-220A
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 1.877grams
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum DC Forward Current @TL=125oC(Note 1)
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance
SYMBOL
VRRM
VDC
IFSM
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
18
300
9.6
4.8
Amps
0
C/W
0
C
Storage Temperature Range
R q J A
R q J C
IO
Operating Temperature Range
TJ
-55 to + 175
0
C
SPKT1845
45
31.5
45
SPKT1845
NOTES : 1. Heat-sink mounted 10mm max from body
2. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
2010-01
REV: A
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
uA
Maximum Instantaneous Forward
Voltage at 18 A DC
Volts
100
2.5
@TA = 25
oC
@TA = 75
oC
.52
.47
@TA = 25
oC
@TA = 75
oC
mA
UNITS
.153 (3.9)
.413 (10.5)
.108
.051
.04MAX.
.374 (9.5)
(2.75)
(1.3)
(1.0)
.148 (3.8)
.053 (1.3)
.047 (1.2)
.270 (6.9)
.610 (15.5)
.583 (14.8)
.035 (0.9)
.102 (2.6)
.091 (2.3)
.028 (0.7)
.583 (14.8)
.157
.126
(4.0)
(3.2)
.531 (13.5)
.020 (0.5)
.012 (0.3)
.230 (5.8)
.187 (4.7)
.146 (3.7)
175(Tj<200oC in Bypass Mode)
Typical Current Square Time
I2T
A2S
373.3


Similar Part No. - SPKT1845_10

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SPKT1845 RECTRON-SPKT1845 Datasheet
227Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 18 Amperes
More results

Similar Description - SPKT1845_10

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SPK1845 RECTRON-SPK1845 Datasheet
224Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 18 Amperes
SPKC1645 RECTRON-SPKC1645 Datasheet
311Kb / 4P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 16 Amperes
SPKT1845 RECTRON-SPKT1845 Datasheet
227Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 18 Amperes
SPK1245 RECTRON-SPK1245 Datasheet
101Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 12 Amperes
SPK1245-C-S-A01 RECTRON-SPK1245-C-S-A01 Datasheet
522Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIE VOLTAGE 45 Volts CURRENT 12 Amperes
SPK1645 RECTRON-SPK1645 Datasheet
101Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 16 Amperes
SPKC845F RECTRON-SPKC845F Datasheet
103Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 8 Amperes
SPKC1245FL RECTRON-SPKC1245FL Datasheet
558Kb / 6P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 12 Amperes
SPKC1645 RECTRON-SPKC1645_10 Datasheet
102Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 16 Amperes
SPKC1645F RECTRON-SPKC1645F Datasheet
185Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 45 Volts CURRENT 16 Amperes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com