Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR3050CS Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SR3050CS
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 50 Volts CURRENT 30 Amperes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SR3050CS Datasheet(HTML) 1 Page - Rectron Semiconductor

  SR3050CS Datasheet HTML 1Page - Rectron Semiconductor SR3050CS Datasheet HTML 2Page - Rectron Semiconductor SR3050CS Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY BARRIER RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
resistive or inductive load.
SR3050CS
D2-PAK
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Case Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
SYMBOL
VRRM
VDC
IFSM
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
30
300
1.5
30
Amps
0 C/W
0 C
Storage Temperature Range
R
q JC
R
q JA
IO
Operating Temperature Range
TJ
-55 to + 175
0 C
SR3050CS
50
35
50
SR3050CS
NOTES : 1. Thermal Resistance : Heat-sink mounted.
2. Suffix “A” = Common Anode.
3."Fully ROHS compliant","100% Sn plating (Pb-free)".
2010-04
REV:O
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mA
Maximum Instantaneous Forward Voltage at 15.0A DC
Volts
1.0
10
@TA = 25
oC
@TA = 100
oC
.65
mA
UNITS
FEATURES
* Low switching noise
* Low forward voltage drop
* Low thermal resistance
* High current capability
* High switching capability
* High surge capabitity
* High reliability
MECHANICAL DATA
* Case: D2-PAK molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 3.61 grams
PIN 1
PIN 1
PIN 3
PIN 3
HEATSINK
PIN 2
PIN 2
.412 (10.46)
.388 (9.86)
.189 (4.80)
.173 (4.40)
.053 (1.35)
.049 (1.25)
.020 (0.50)
.055 (1.40)
.047 (1.20)
.202 (5.13)
.028 (0.71)
.198 (5.03)
.036 (0.91)
.012 (0.30)
175(Tj<200
oC in By pass Mode)
4. Available in Halogen-free epoxy by adding suffix -HF after the part nbr.
VOLTAGE RANGE 50 Volts CURRENT 30 Amperes


Similar Part No. - SR3050CS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR3050C RECTRON-SR3050C Datasheet
26Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 30 Amperes)
logo
MIC GROUP RECTIFIERS
SR3050C MIC-SR3050C Datasheet
48Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SR3050C CHENDA-SR3050C Datasheet
125Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SR3050C SHUNYE-SR3050C Datasheet
252Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR3050CS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR3020C RECTRON-SR3020C Datasheet
26Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 30 Amperes)
SR5020C RECTRON-SR5020C Datasheet
26Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 50 Volts CURRENT 50 Amperes)
SR6020C RECTRON-SR6020C Datasheet
230Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 50 Volts CURRENT 60 Amperes)
SR730CSDP RECTRON-SR730CSDP Datasheet
24Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 30 Volts CURRENT 7.0 Amperes
SR3045CS RECTRON-SR3045CS Datasheet
198Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 45 Volts CURRENT 30 Amperes
SR3060C-C-S-A01 RECTRON-SR3060C-C-S-A01 Datasheet
278Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 60 Volts CURRENT 30 Amperes
SR30100CS RECTRON-SR30100CS Datasheet
214Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 100 Volts CURRENT 30 Amperes
SR30150CS RECTRON-SR30150CS Datasheet
422Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 150 Volts CURRENT 30 Amperes
2022-04 REV:B
SRL30100C RECTRON-SRL30100C Datasheet
406Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 100 Volts CURRENT 30 Amperes
2022-04 REV:A
SRL30150C RECTRON-SRL30150C Datasheet
87Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 150 Volts CURRENT 30 Amperes
2022-04 REV:A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com