Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8030 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8030
Description  1A, 2.2MHz, Synchronous Step-Down Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8030 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8030 Datasheet HTML 1Page - Richtek Technology Corporation RT8030 Datasheet HTML 2Page - Richtek Technology Corporation RT8030 Datasheet HTML 3Page - Richtek Technology Corporation RT8030 Datasheet HTML 4Page - Richtek Technology Corporation RT8030 Datasheet HTML 5Page - Richtek Technology Corporation RT8030 Datasheet HTML 6Page - Richtek Technology Corporation RT8030 Datasheet HTML 7Page - Richtek Technology Corporation RT8030 Datasheet HTML 8Page - Richtek Technology Corporation RT8030 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT8030
2
DS8030-02
March 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin N ame
Pin Function
1
SH DN/RT
Oscillator Resistor Input. Connecting a resistor to ground from this pin sets the switching
frequency. Forcing this pin to VDD causes the device to be shut down.
2
GND
Signal Ground. All small-signal components and compensation components should
connect to this ground, which in turn connects to PGND at one point.
3
LX
Internal Power MOSFET Switches Output. Connect this pin to the inductor.
4
PGND
Power Ground. Connect this pin close to the (
−) terminal of CIN and COUT.
5
PVDD
Power Input Supply. D ecouple this pin to PGND with a capacitor.
6
VD D
Signal Input Supply. Decouple this pin to GND w ith a capacitor. Normally VDD is equal to
PVDD.
7
FB
Feedback Pin. Receives the feedback voltage from a resistive divider connected across
the output.
8
COMP
Error Amplifier Compensation Point. The current comparator threshold increases with
this control voltage. Connect external compensation elements to this pin to stabilize the
control loop.
Function Block Diagram
Driver
NISEN
Control
Logic
NMOS I Limit
0.9V
0.7V
0.4V
OC
Limit
ISEN
Slope
Com
OSC
Output
Clamp
EA
0.8V
Int-SS
POR
OTP
VREF
COMP
GND
FB
PVDD
PGND
LX
VDD
SD
SHDN/RT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com