Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8035 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8035
Description  Dual 800mA, 1.25MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8035 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8035 Datasheet HTML 1Page - Richtek Technology Corporation RT8035 Datasheet HTML 2Page - Richtek Technology Corporation RT8035 Datasheet HTML 3Page - Richtek Technology Corporation RT8035 Datasheet HTML 4Page - Richtek Technology Corporation RT8035 Datasheet HTML 5Page - Richtek Technology Corporation RT8035 Datasheet HTML 6Page - Richtek Technology Corporation RT8035 Datasheet HTML 7Page - Richtek Technology Corporation RT8035 Datasheet HTML 8Page - Richtek Technology Corporation RT8035 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT8035
®
DS8035-05 October 2012
www.richtek.com
1
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Features
2.5V to 5.5V Input Range
800mA Output Current
1.25MHz Fixed Frequency PWM Operation
95% Efficiency
No Schottky Diode Required
0.6V Reference Allows Low Output Voltage
Low Dropout Operation : 100% Duty Cycle
Small 10-Lead WDFN Package
RoHS Compliant and Halogen Free
Applications
Portable Instruments
Microprocessors and DSP Core Supplies
Cellular Phones
Wireless and DSL Modems
PC Cards
Dual 800mA, 1.25MHz Synchronous Step-Down Converter
General Description
The RT8035 is a high-efficiency Pulse-Width-Modulated
(PWM) dual step-down DC/DC converter. Capable of
delivering up to 800mA output current over a wide input
voltage range from 2.5V to 5.5V, the RT8035 is ideally
suited for portable electronic devices that are powered
from 1-cell Li-ion battery or from other power sources such
as cellular phones, PDAs, PC WLAN card and hand-held
devices.
Three operating modes are available including : PWM
mode, Low-Dropout Mode and shut-down mode. The
Internal synchronous rectifier with low RDS(ON) dramatically
reduces conduction loss at PWM mode. No external
Schottky diode is required in practical application. The
RT8035 enters Low-Dropout mode when normal PWM
cannot provide regulated output voltage by continuously
turning on the upper P-MOSFET. The RT8035 enters shut-
down mode and consumes less than 0.1
μA when the EN
pin is pulled low.
The switching ripple is easily smoothed-out by small
package filtering elements due to the fixed operating
frequency of 1.25MHz. The RT8035 is available in the
WDFN-10L 3x3 package.
Ordering Information
Marking Information
Pin Configurations
(TOP VIEW)
WDFN-10L 3x3
EN1
FB1
LX2
GND
LX1
GND
VIN1
EN2
FB2
VIN2
9
8
7
1
2
3
4
5
10
11
GD=YM
DNN
GD= : Product Code
YMDNN : Date Code
RT8035GQW
GD : Product Code
YMDNN : Date Code
RT8035ZQW
GD YM
DNN
RT8035
Package Type
QW : WDFN-10L 3x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Z : ECO (Ecological Element with
Halogen Free and Pb free)
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.


Similar Part No. - RT8035

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8030 RICHTEK-RT8030 Datasheet
136Kb / 11P
1A, 2.2MHz, Synchronous Step-Down Regulator
RT8032 RICHTEK-RT8032 Datasheet
174Kb / 11P
1.2MHz/1.2A Buck Converter with Programmable Average Input Current Limit
RT8036 RICHTEK-RT8036 Datasheet
333Kb / 17P
One Step Down DC/DC Converter and Four Linear Regulators with Individual On/Off Control
More results

Similar Description - RT8035

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2105DJ-00A MPS-EV2105DJ-00A Datasheet
161Kb / 4P
800mA Synchronous Buck Step-Down Converter
MP2105 MPS-MP2105 Datasheet
270Kb / 8P
1MHz, 800mA Synchronous Step-Down Converter
MP2105 MPS-MP2105_06 Datasheet
285Kb / 8P
1MHz, 800mA Synchronous Step-Down Converter
MP2109 MPS-MP2109 Datasheet
298Kb / 8P
Dual 1.2MHz, 800mA Synchronous Step-Down Converter
MP2109 MPS-MP2109_06 Datasheet
313Kb / 8P
Dual 1.2MHz, 800mA Synchronous Step-Down Converter
logo
Micrel Semiconductor
MIC2238 MICREL-MIC2238 Datasheet
786Kb / 16P
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Eutech Microelectronics...
EUP3409 EUTECH-EUP3409 Datasheet
765Kb / 10P
Dual 1.5MHz, 800mA Synchronous Step-Down Converter
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Richtek Technology Corp...
RT8075 RICHTEK-RT8075 Datasheet
177Kb / 11P
Dual 1A, 1.25MHz Synchronous Step-Down Converter
logo
List of Unclassifed Man...
SP6669EB ETC-SP6669EB Datasheet
286Kb / 6P
800mA 1.5MHz Synchronous Step-Down Converter
April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com