Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8036 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8036
Description  One Step Down DC/DC Converter and Four Linear Regulators with Individual On/Off Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8036 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8036 Datasheet HTML 9Page - Richtek Technology Corporation RT8036 Datasheet HTML 10Page - Richtek Technology Corporation RT8036 Datasheet HTML 11Page - Richtek Technology Corporation RT8036 Datasheet HTML 12Page - Richtek Technology Corporation RT8036 Datasheet HTML 13Page - Richtek Technology Corporation RT8036 Datasheet HTML 14Page - Richtek Technology Corporation RT8036 Datasheet HTML 15Page - Richtek Technology Corporation RT8036 Datasheet HTML 16Page - Richtek Technology Corporation RT8036 Datasheet HTML 17Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
RT8036
13
DS8036-02 April 2011
www.richtek.com
Application Information
The RT8036 is an integrated power management IC
including one Buck converter and four linear regulators.
The RT8036 features a fixed output voltage to eliminate
the need of external feedback resistors and simplify the
PCB layout. The RT8036 fix the output voltage by internal
resistor and keep the output voltage between -3% to 3%.
Please refer to the ordering information for detailed output
voltage setting.
Buck Enable Control
Pull the ENB pin (>1.5V) to turn on the buck converter
and to pull low the ENB pin (<0.4V) to turn off the buck
converter.
Soft-Start
The RT8036 has a soft-start to control the output voltage
rise time and limit the current surge at the startup. The
soft-start will begin while EN rises above high threshold.
Buck Current Limiting
A current limit feature allows the RT8036 to protect itself
and external components during overload conditions. In
operating mode, the inductor peak current under 600mA
is normally used. The current limit prevents the loss of
current control seen in some products when the output
voltage is pulled low in serious overload conditions.
Inductor Selection
For a given input and output voltage, the inductor value
and operating frequency determine the ripple current. The
ripple current,
ΔIL, increases with higher VINB and
decreases with higher inductance.
OUT
OUT
L
IN
VV
I1
fL
V
⎡⎤
⎡⎤
Δ=
× −
⎢⎥
⎢⎥
×
⎣⎦ ⎣⎦
Having a lower ripple current reduces the ESR losses in
the output capacitors and the output voltage ripple. Highest
efficiency operation is achieved at low frequency with small
ripple current. This, however, requires a large inductor. A
reasonable starting point for selecting the ripple current
is
ΔIL = 0.4 (IMAX). The largest ripple current occurs at the
highest VINB. To guarantee that the ripple current stays
below a specified maximum, the inductor value should be
chosen according to the following equation :
OUT
OUT
L(MAX)
IN(MAX)
VV
L1
fI
V
⎡⎤ ⎡
⎤
=× −
⎢⎥ ⎢
⎥
×Δ
⎢⎥ ⎢
⎥
⎣⎦ ⎣
⎦
Inductor Core Selection
Once the value for L is known, the type of inductor must
be selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite or mollypermalloy
cores. Actual core loss is independent of core size for a
fixed inductor value but it is very dependent on the
inductance selected. As the inductance increases, core
losses decrease. Unfortunately, increased inductance
requires more turns of wire and therefore copper losses
will increase.
Ferrite designs have very low core losses and are preferred
at high switching frequencies, so design goals can
concentrate on copper loss and preventing saturation.
Ferrite core material saturates “hard”, which means that
inductance collapses abruptly when the peak design
current is exceeded. This results in an abrupt increase in
inductor ripple current and consequent output voltage
ripple.
Do not allow the core to saturate!
Different core materials and shapes will change the size/
current and price/current relationship of an inductor. Toroid
or shielded pot cores in ferrite or permalloy materials are
small and don't radiate energy but generally cost more
than powdered iron core inductors with similar
characteristics. The choice of which style inductor to use
mainly depends on the price vs size requirements and
any radiated field/EMI requirements.
CINB and COUTB Selection
The input capacitance, CINB, is needed to filter the
trapezoidal current at the source of the top MOSFET. To
prevent large ripple voltage, a low ESR input capacitor
sized for the maximum RMS current should be used. RMS
current is given by :
OUTB
INB
RMS
OUTB(MAX)
INB
OUTB
V
V
II
1
VV
=−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com