Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8056 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8056
Description  Dual 1A 1.5MHz Synchronous Step-Down Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8056 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8056 Datasheet HTML 1Page - Richtek Technology Corporation RT8056 Datasheet HTML 2Page - Richtek Technology Corporation RT8056 Datasheet HTML 3Page - Richtek Technology Corporation RT8056 Datasheet HTML 4Page - Richtek Technology Corporation RT8056 Datasheet HTML 5Page - Richtek Technology Corporation RT8056 Datasheet HTML 6Page - Richtek Technology Corporation RT8056 Datasheet HTML 7Page - Richtek Technology Corporation RT8056 Datasheet HTML 8Page - Richtek Technology Corporation RT8056 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT8056
1
DS8056-02 April 2011
www.richtek.com
Pin Configurations
(TOP VIEW)
WDFN-10L 3x3
Applications
Portable Instruments
Microprocessors and DSP Core Supplies
Cellular Phones
Wireless and DSL Modems
PC Cards
Set Top Box
Dual 1A 1.5MHz Synchronous Step-Down Converters
General Description
The RT8056 is a high efficiency synchronous dual step-
down converter. Capable of delivering two independent 1A
output current over a wide input voltage range from 2.8V
to 5.5V. The RT8056 is ideally suited for portable
electronic devices that are powered from 1-cell Li-ion
battery or from other power sources such as cellular
phones, PDAs and hand-held devices. The RT8056
provides two operation modes including PWM/Low-
Dropout auto switch and shutdown modes. The internal
synchronous rectifier with low RDS(ON) dramatically reduces
conduction loss at PWM mode. No external Schottky
diode is required in practical applications. The RT8056
enters Low-Dropout mode when normal PWM cannot
provide regulated output voltage by continuously turning
on the upper P-MOSFET. The RT8056 enters shut-down
mode and consumes less than 0.1
μA when EN pin is
pulled low. The switching ripple is easily smoothed-out
by small package filtering elements due to a fixed
operating frequency of 1.5MHz.
Features
2.8V to 5.5V Input Voltage Range
1.5MHz Fixed Frequency PWM Operation
2 x 1A Output Current
Up to 95% Efficiency
No Schottky Diode Required
0.6V Reference Allows for Low Output Voltage
Low Dropout Operation : 100% Duty Cycle
Small 10-Lead WDFN Package
RoHS Compliant and Halogen Free
FB2
NC
FB1
NC
LX2
EN2
GND
LX1
EN1
VIN
9
8
7
1
2
3
4
5
10
6
11
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
JM=YM
DNN
JM= : Product Code
YMDNN : Date Code
RT8056
Package Type
QW : WDFN-10L 3x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT8056

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8056GQW RICHTEK-RT8056GQW Datasheet
295Kb / 11P
Dual 1A 1.5MHz Synchronous Step-Down Converters
More results

Similar Description - RT8056

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8056GQW RICHTEK-RT8056GQW Datasheet
295Kb / 11P
Dual 1A 1.5MHz Synchronous Step-Down Converters
logo
Anpec Electronics Corop...
APW7176 ANPEC-APW7176 Datasheet
276Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179 ANPEC-APW7179 Datasheet
277Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179A ANPEC-APW7179A Datasheet
276Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5251 AME-AME5251 Datasheet
365Kb / 19P
Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5251A AME-AME5251A Datasheet
354Kb / 19P
Dual 1A, 1.5MHz Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6166 FEELING-FP6166 Datasheet
473Kb / 19P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
FP6167 FEELING-FP6167 Datasheet
377Kb / 14P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com