Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL202 Datasheet(PDF) 5 Page - Analog Devices

Part # ADXL202
Description  Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL202 Datasheet(HTML) 5 Page - Analog Devices

  ADXL202 Datasheet HTML 1Page - Analog Devices ADXL202 Datasheet HTML 2Page - Analog Devices ADXL202 Datasheet HTML 3Page - Analog Devices ADXL202 Datasheet HTML 4Page - Analog Devices ADXL202 Datasheet HTML 5Page - Analog Devices ADXL202 Datasheet HTML 6Page - Analog Devices ADXL202 Datasheet HTML 7Page - Analog Devices ADXL202 Datasheet HTML 8Page - Analog Devices ADXL202 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ADXL202/ADXL210
–5–
REV. B
DUTY CYCLE OUTPUT – % per
g
11.3
11.5 11.7 11.9 12.2 12.4 12.6 12.8 13.1 13.3 13.5 13.7
9
8
0
4
3
2
1
6
5
7
Figure 8. Typical Sensitivity per g at +25
°C
CX, CY
BANDWIDTH
14
12
0
0.01 F
500Hz
0.47 F
10Hz
0.047 F
100Hz
0.1 F
50Hz
8
6
4
2
10
Figure 9. Typical Noise at XFILT Output
NUMBER OF AVERAGE SAMPLES
14
12
0
164
4
16
8
6
4
2
10
CFILT = 0.047 F
BW = 100Hz
CFILT = 0.1 F
BW = 50Hz
CFILT = 0.47 F
BW = 10Hz
CFILT = 0.01 F
BW = 500Hz
T2 = 1ms
Figure 10. Typical Noise at Digital Outputs
DEGREES OF MISALIGNMENT
20
6
0
18
8
4
2
16
12
14
10
Figure 11. Rotational Die Alignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com