Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8059 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8059
Description  1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8059 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8059 Datasheet HTML 1Page - Richtek Technology Corporation RT8059 Datasheet HTML 2Page - Richtek Technology Corporation RT8059 Datasheet HTML 3Page - Richtek Technology Corporation RT8059 Datasheet HTML 4Page - Richtek Technology Corporation RT8059 Datasheet HTML 5Page - Richtek Technology Corporation RT8059 Datasheet HTML 6Page - Richtek Technology Corporation RT8059 Datasheet HTML 7Page - Richtek Technology Corporation RT8059 Datasheet HTML 8Page - Richtek Technology Corporation RT8059 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RT8059
3
DS8059-04 December 2011
www.richtek.com
Copyright 2011 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Absolute Maximum Ratings
(Note 1)
VIN to GND -------------------------------------------------------------------------------------------------------- 6.5V
LX Pin Switch Voltage ------------------------------------------------------------------------------------------
−0.3V to (PVDD + 0.3V)
< 30ns --------------------------------------------------------------------------------------------------------------
−5V to 7.5V
EN, FB to GND --------------------------------------------------------------------------------------------------- VIN + 0.6V
Power Dissipation, PD @ TA = 25
°C
TSOT-23-5 --------------------------------------------------------------------------------------------------------- 0.392W
Package Thermal Resistance (Note 2)
TSOT-23-5,
θJA --------------------------------------------------------------------------------------------------- 255°C/W
Junction Temperature Range ---------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------- 260
°C
Storage Temperature Range -----------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
(VIN = 3.6V, VOUT = 2.5V, L = 2.2
μH, CIN = 4.7μF, COUT = 10μF, TA = 25°C, unless otherwise specified)
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN -------------------------------------------------------------------------------------- 2.8V to 5.5V
Junction Temperature Range ----------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ----------------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
IQ
IOUT = 0mA, VFB = VREF + 5%
--
78
--
μA
Shutdown Current
ISHDN
EN = GND
--
0.1
1
μA
Reference Voltage
VREF
0.588
0.6
0.612
V
Adjustable Output Range
VOUT
(Note 5)
VREF
--
VIN − 0.2
V
Adjustable Output Voltage
Accuracy
ΔVOUT
VIN = VOUT + ΔV to 5.5V,
0A < IOUT < 1A, (Note 6)
−3
--
3
%
FB Input Current
IFB
VFB = VIN
−50
--
50
nA
P-MOSFET RON
RDS(ON)_P
IOUT = 200mA
--
0.28
--
N-MOSFET RON
RDS(ON)_N
IOUT = 200mA
--
0.25
--
Ω
P-Channel Current Limit
ILM_P
VIN = 2.8V to 5.5V
--
1.5
--
A
Logic-High
VIH
VIN = 2.8V to 5.5V
1.5
--
--
EN Input Threshold
Voltage
Logic-Low
VIL
VIN = 2.8V to 5.5V
--
--
0.4
V
Under Voltage Lockout Threshold VUVLO
--
2.3
--
V
Under Voltage Lockout Hysteresis
ΔVUVLO
--
0.2
--
V
Oscillator Frequency
fOSC
IOUT = 100mA
1.2
1.5
1.8
MHz
Thermal Shutdown Temperature
TSD
--
150
--
°C
Max. Duty Cycle
DMAX
100
--
--
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com