Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8065 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8065
Description  3A, 2MHz, Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8065 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8065 Datasheet HTML 1Page - Richtek Technology Corporation RT8065 Datasheet HTML 2Page - Richtek Technology Corporation RT8065 Datasheet HTML 3Page - Richtek Technology Corporation RT8065 Datasheet HTML 4Page - Richtek Technology Corporation RT8065 Datasheet HTML 5Page - Richtek Technology Corporation RT8065 Datasheet HTML 6Page - Richtek Technology Corporation RT8065 Datasheet HTML 7Page - Richtek Technology Corporation RT8065 Datasheet HTML 8Page - Richtek Technology Corporation RT8065 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT8065
®
DS8065-07
November 2012
www.richtek.com
1
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Applications
LCD TV and Monitor
Notebook Computers
Distributed Power Systems
IP Phones
Digital Cameras
General Description
The RT8065 is a high efficiency synchronous, step-down
DC/DC converter. Its input voltage range is from 2.7V to
5.5V and provides an adjustable regulated output voltage
from 0.8V to 5V while delivering up to 3A of output current.
The internal synchronous low on-resistance power
switches increase efficiency and eliminate the need for
an external Schottky diode. The default switching
frequency is set at 2MHz, if the RT pin is left open. It can
also be varied from 200kHz to 2MHz by adding an external
resistor. Current mode operation with external
compensation allows the transient response to be
optimized over a wide range of loads and output capacitors.
Ordering Information
3A, 2MHz, Synchronous Step-Down Converter
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Features
High Efficiency : Up to 95%
Adjustable Frequency : 200kHz to 2MHz
No Schottky Diode Required
0.8V Reference Allows Low Output Voltage
Low Dropout Operation : 100% Duty Cycle
Enable Function
External Soft-Start
Power Good Function
RoHS Compliant and Halogen Free
RT8065ZSP : Product Number
YMDNN : Date Code
RT8065ZSP
Marking Information
RT8065
ZSPYMDNN
RT8065ZQW
29 : Product Code
YMDNN : Date Code
29 YM
DNN
Package Type
SP : SOP-8 (Exposed Pad-Option 2)
QW : WDFN-8L 3x3 (W-Type)
RT8065
Lead Plating System
Z : ECO (Ecological Element with
Halogen Free and Pb free)


Similar Part No. - RT8065

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
RT8060A RICHTEK-RT8060A Datasheet
235Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
RT8061A RICHTEK-RT8061A Datasheet
195Kb / 12P
3A, 1MHz, Synchronous Step-Down Converter
RT8062 RICHTEK-RT8062 Datasheet
150Kb / 11P
2A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
3A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - RT8065

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
2A, 2MHz, Synchronous Step-Down Converter
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
4A, 2MHz, Synchronous Step-Down Converter
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
2A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com