Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8073 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8073
Description  6A, 2MHz, High Efficiency Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8073 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8073 Datasheet HTML 1Page - Richtek Technology Corporation RT8073 Datasheet HTML 2Page - Richtek Technology Corporation RT8073 Datasheet HTML 3Page - Richtek Technology Corporation RT8073 Datasheet HTML 4Page - Richtek Technology Corporation RT8073 Datasheet HTML 5Page - Richtek Technology Corporation RT8073 Datasheet HTML 6Page - Richtek Technology Corporation RT8073 Datasheet HTML 7Page - Richtek Technology Corporation RT8073 Datasheet HTML 8Page - Richtek Technology Corporation RT8073 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
RT8073
2
DS8073-01
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin Configurations
(TOP VIEW)
SOP-8 (Exposed Pad)
WDFN-12L 3x3
COMP
GND
EN
VIN
FB
RT
BOOT
LX
PGND
2
3
4
5
6
7
8
9
COMP
PGOOD
VIN
EN
FB
RT
LX
LX
LX
SS
VIN
BOOT
11
10
9
1
2
3
4
5
12
67
8
13
Pin No.
SOP-8
(Exposed Pad)
WDFN-12L 3x3
Pin Name
Pin Function
1
1
COMP
Compensation Node.
2
--
GND
Analog Ground.
3
4
EN
Chip Enable. Externally pulled high to enable and pulled low to
disable this chip, and it is internally pulled up to high when the
pin is floating.
4
5, 6
VIN
Power Input.
5
7
BOOT
Bootstrap Supply for High Side Gate Driver.
6
8, 9, 10
LX
Switch Node.
7
11
RT
Frequency Setting.
8
12
FB
Feedback Voltage Input.
9
13
(Exposed Pad)
PGND
Power Ground. The exposed pad must be shouldered to a
large PCB and connected to PGND for maximum power
dissipation.
--
2
PGOOD
Power Good Indicator with Open Drain Output. It is high
impedance when the output voltage is regulated. It is internally
pulled low when the chip is shutdown, thermal shutdown or
VIN is under UVLO threshold.
--
3
SS
Soft-Start Control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com