Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9004 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9004
Description  UHF Male to BNC Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9004 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9004 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9004 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
UHF Male to BNC Female Adapter
Configuration
Connector 1
UHF Male
Connector 2
BNC Female
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.192 [30.28]
Width/Dia., in [mm]
0.709 [18.01]
.
Dielectric Type
Teflon
Connector 1
Type
UHF Male
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/uhf-male-bnc-female-straight-adapter-pe9004-p.aspx
UHF Male to BNC Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
UHF Male to BNC Female Adapter
PE9004
PE9004 REV


Similar Part No. - PE9004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9000 PASTERNACK-PE9000 Datasheet
246Kb / 3P
BNC Male to BNC Male Adapter
PE900040 PASTERNACK-PE900040 Datasheet
93Kb / 1P
FC APC SIMPLEX TO FC APC SIMPLEX BULKHEAD
PE9001 PASTERNACK-PE9001 Datasheet
246Kb / 3P
BNC Tee Adapter Female-Male-Female
PE9002 PASTERNACK-PE9002 Datasheet
254Kb / 3P
N Male to BNC Female Adapter
PE9003 PASTERNACK-PE9003 Datasheet
244Kb / 3P
BNC Tee Adapter Female-Female-Female
More results

Similar Description - PE9004

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3286 POMONA-3286 Datasheet
17Kb / 1P
Adapter BNC (Female) To UHF (Male)
3287 POMONA-3287 Datasheet
19Kb / 1P
Adapter UHF (Female) To BNC (Male)
logo
Pasternack Enterprises,...
PE9107 PASTERNACK-PE9107 Datasheet
75Kb / 2P
BNC MALE TO UHF FEMALE
PE9201 PASTERNACK-PE9201 Datasheet
240Kb / 2P
UHF Male to BNC Male Adapter
PE9269 PASTERNACK-PE9269 Datasheet
245Kb / 2P
BNC Male to BNC Female Adapter
PE9342 PASTERNACK-PE9342 Datasheet
233Kb / 2P
Mini UHF Male to BNC Female Adapter
PE9421 PASTERNACK-PE9421 Datasheet
241Kb / 2P
UHF Female to BNC Female Adapter
logo
Adam Technologies, Inc.
RF6-20-D-AS-50 ADAM-TECH-RF6-20-D-AS-50 Datasheet
161Kb / 1P
UHF MALE TO BNC FEMALE
logo
Pasternack Enterprises,...
PE91328 PASTERNACK-PE91328 Datasheet
476Kb / 5P
UHF Male to BNC Female Adapter
PE91329 PASTERNACK-PE91329 Datasheet
403Kb / 5P
UHF Female to BNC Male Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com