Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9075 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9075
Description  SMA Female to BNC Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9075 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9075 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9075 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9075 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female to BNC Female Adapter
Configuration
Connector 1
SMA Female
Connector Specification 1
MIL-STD-348A
Connector 2
BNC Female
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.004 [25.5]
Width/Dia., in [mm]
0.492 [12.5]
.
Dielectric Type
Teflon
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
50µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
50µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
SMA Female to BNC Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to BNC Female Adapter PE9075
PE9075
PE9075 REV


Similar Part No. - PE9075

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
SMA Female to SMA Female Adapter
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
SMA Female to SMA Female Adapter
PE9071 PASTERNACK-PE9071 Datasheet
255Kb / 3P
SMA Female to SMA Female Bulkhead Adapter
PE9072 PASTERNACK-PE9072 Datasheet
251Kb / 2P
SMA Male to BNC Male Adapter
PE9073 PASTERNACK-PE9073 Datasheet
252Kb / 3P
SMA Female to BNC Male Adapter
More results

Similar Description - PE9075

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4289 POMONA-4289 Datasheet
21Kb / 1P
Adapter, SMA Female To BNC Male
4290 POMONA-4290 Datasheet
26Kb / 1P
Adapter, SMA Male To BNC Female
4291 POMONA-4291 Datasheet
21Kb / 1P
Adapter, SMA Female To BNC Female
logo
Pasternack Enterprises,...
PE9074 PASTERNACK-PE9074 Datasheet
250Kb / 3P
SMA Male to BNC Female Adapter
PE9185 PASTERNACK-PE9185 Datasheet
252Kb / 2P
SMA Female to BNC Female Bulkhead Adapter
PE9407 PASTERNACK-PE9407 Datasheet
251Kb / 2P
Bulkhead SMA Female to BNC Female Adapter
PE9496 PASTERNACK-PE9496 Datasheet
252Kb / 2P
Precision SMA Female to BNC Female Adapter
PE9185 PASTERNACK-PE9185 Datasheet
252Kb / 2P
SMA Female to BNC Female Bulkhead Adapter
logo
List of Unclassifed Man...
BU-P4290 ETC2-BU-P4290 Datasheet
200Kb / 1P
Adapter BNC Female to SMA Male
logo
Amphenol Corporation
242103 AMPHENOL-242103 Datasheet
34Kb / 1P
SMA FEMALE TO BNC MALE ADAPTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com