Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMP02GBC Datasheet(PDF) 2 Page - Analog Devices

Part # AMP02GBC
Description  High Accuracy 8-Pin Instrumentation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP02GBC Datasheet(HTML) 2 Page - Analog Devices

  AMP02GBC Datasheet HTML 1Page - Analog Devices AMP02GBC Datasheet HTML 2Page - Analog Devices AMP02GBC Datasheet HTML 3Page - Analog Devices AMP02GBC Datasheet HTML 4Page - Analog Devices AMP02GBC Datasheet HTML 5Page - Analog Devices AMP02GBC Datasheet HTML 6Page - Analog Devices AMP02GBC Datasheet HTML 7Page - Analog Devices AMP02GBC Datasheet HTML 8Page - Analog Devices AMP02GBC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AMP02E
AMP02F
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Units
OFFSET VOLTAGE
Input Offset Voltage
VIOS
TA = +25°C
20
100
40
200
µV
–40
°C ≤ T
A ≤ +85°C
50
200
100
350
µV
Input Offset Voltage Drift
TCVIOS
–40
°C ≤ T
A ≤ +85°C
0.5
2
1
4
µV/°C
Output Offset Voltage
VOOS
TA = +25°C1
4
2
8
mV
–40
°C ≤ T
A ≤ +85°C4
10
9
20
mV
Output Offset Voltage Drift
TCVOOS
–40
°C ≤ T
A ≤ +85°C
50
100
100
200
µV/°C
Power Supply Rejection
PSR
VS = ± 4.8 V to ± 18 V
G = 100, 1000
115
125
110
115
dB
G = 10
100
110
95
100
dB
G = 1
80
90
75
80
dB
VS = ± 4.8 V to ± 18 V
–40
°C ≤ T
A ≤ +85°C
G = 1000, 100
110
120
105
110
dB
G = 10
95
110
90
95
dB
G = 1
75
90
70
75
dB
INPUT CURRENT
Input Bias Current
IB
TA = +25°C2
10
4
20
nA
Input Bias Current Drift
TCIB
–40
°C ≤ T
A ≤ +85°C
150
250
pA/
°C
Input Offset Current
IOS
TA = +25°C
1.2
5
2
10
nA
Input Offset Current Drift
TCIOS
–40
°C ≤ T
A ≤ +85°C
9
15
pA/
°C
INPUT
Input Resistance
RIN
Differential, G
≤ 1000
10
10
G
Ω
Common-Mode, G = 1000
16.5
16.5
G
Ω
Input Voltage Range
IVR
TA = +25°C (Note 1)
±11
±11
V
Common-Mode Rejection
CMR
VCM = ± 11 V
G = 1000, 100
115
120
110
115
dB
G = 10
100
115
95
110
dB
G = 1
80
95
75
90
dB
VCM = ± 11 V
–40
°C ≤ T
A ≤ +85°C
G = 100, 1000
110
120
105
115
dB
G = 10
95
110
90
105
dB
G = 1
75
90
70
85
dB
GAIN
Gain Equation
G = 1000
0.50
0.70
%
Accuracy
G =
50 k
Ω
+1
G = 100
0.30
0.50
%
RG
G = 10
0.25
0.40
%
G = 1
0.02
0.05
%
Gain Range
G
1
10k
1
10k
V/V
Nonlinearity
G = 1 to 1000
0.006
0.006
%
Temperature Coefficient
GTC
1
≤ G ≤ 1000 (Notes 2, 3)
20
50
20
50
ppm/
°C
OUTPUT RATING
Output Voltage Swing
VOUT
TA = +25°C, RL = 1 kΩ± 12
±13
±12
±13
V
RL = 1 kΩ, –40°C ≤ TA ≤ +85°C
±11
±12
±11
±12
V
Positive Current Limit
Output-to-Ground Short
22
22
mA
Negative Current Limit
Output-to-Ground Short
32
32
mA
NOISE
Voltage Density, RTI
en
fO = 1 kHz
G = 1000
9
9
nV/
√Hz
G = 100
10
10
nV/
√Hz
G = 10
18
18
nV/
√Hz
G = 1
120
120
nV/
√Hz
Noise Current Density, RTI in
fO = 1 kHz, G = 1000
0.4
0.4
pA/
√Hz
Input Noise Voltage
en p-p
0.1 Hz to 10 Hz
G = 1000
0.4
0.4
µV p-p
G = 100
0.5
0.5
µV p-p
G = 10
1.2
1.2
µV p-p
DYNAMIC RESPONSE
Small-Signal Bandwidth
BW
G = 1
1200
1200
kHz
(–3 dB)
G = 10
300
300
kHz
G = 100, 1000
200
200
kHz
Slew Rate
SR
G = 10, RL = 1 kΩ
46
4
6
V/
µs
Settling Time
tS
To 0.01%
±10 V Step
G = 1 to 1000
10
10
µs
SENSE INPUT
Input Resistance
RIN
25
25
k
Ω
Voltage Range
±11
±11
V
REFERENCE INPUT
Input Resistance
RIN
50
50
k
Ω
Voltage Range
±11
±11
V
Gain to Output
1
1
V/V
REV. D
–2–
AMP02–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (@ V
S =
15 V, VCM = 0 V, TA = +25 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com