Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC10 Datasheet(PDF) 5 Page - Analog Devices

Part # DAC10
Description  10-Bit High Speed Multiplying D/A Converter Universal Digital Logic Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC10 Datasheet(HTML) 5 Page - Analog Devices

  DAC10 Datasheet HTML 1Page - Analog Devices DAC10 Datasheet HTML 2Page - Analog Devices DAC10 Datasheet HTML 3Page - Analog Devices DAC10 Datasheet HTML 4Page - Analog Devices DAC10 Datasheet HTML 5Page - Analog Devices DAC10 Datasheet HTML 6Page - Analog Devices DAC10 Datasheet HTML 7Page - Analog Devices DAC10 Datasheet HTML 8Page - Analog Devices DAC10 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
BASIC CONNECTIONS
0mA
1.0mA
2.0mA
IOUT
IOUT
(0000000000)
(11111111111)
IREF = 2mA
Figure 1. True and Complementary
Output Operations
V+, POSITIVE POWER SUPPLY – VDC
10
3
0
02
20
46
8
10
12
14
16 18
9
4
2
1
6
5
8
7
ALL BITS "HIGH" OR "LOW"
I–
I+
Figure 4. Power Supply Current
vs. V+
0.1 F
CC
318
V+
0.01 F
15
COMP
B1
5
6
B2 B3
7
8
B4
9
B5
10
B6
11
B7
12
B8
13
B9
14
B10
VLC
1
IFR =
+VREF
RREF
1023
1024
2
IO + IO = IFR FOR ALL
LOGIC STATES
+VREF
RREF
(R16)
IREF
R17
16
MSB
LSB
FOR FIXED REFERENCE,
TTL OPERATION,
TYPICAL VALUES ARE:
VREF = +10.000V
RREF = 5.000k
R15 = RREF
CC = 0.01 F
VLC = 0V (GROUND)
IO
IO
4
2
17
DAC10
V–
Figure 7. Basic Positive Reference Operation
Typical Performance Characteristics–DAC10
–5–
REV. D
WARNING!
ESD SENSITIVE DEVICE
V– = –15V, V– = –10V
TA = TMIN TO TMAX
ALL BITS ON
OUTPUT VOLTAGE – Volts
8.0
0
–14 –10
18
–6
–2
2
6
10
14
7.2
4.8
4.0
2.4
0.8
6.4
5.6
3.2
1.6
IREF = 1mA
IREF = 2mA
IREF = 0.2mA
Figure 2. Output Current vs. Output
Voltage (Output Voltage Compliance)
10
3
0
0
–20
–4
–8
–12
–16
9
4
2
1
6
5
8
7
V–, NEGATIVE POWER SUPPLY – VDC
BITS MAY BE HIGH OR LOW
I – WITH IREF = 2mA
I – WITH IREF = 1mA
I – WITH IREF = 0.2mA
I – WITH IREF = 0.2mA
Figure 5. Power Supply Current
vs. V–
TEMPERATURE – C
+28
–12
–50
FOR OTHER V– OR IREF
SEE OUTPUT CURRENT
vs. OUTPUT VOLTAGE
CURVE
SHADED AREA INDICATES
PERMISSABLE OUTPUT
VOLTAGE RANGE
FOR V– = –15V
IREF
2.0mA
0
+50
+100
+150
+24
+4
0
–4
–8
+20
+16
+8
+12
Figure 3. Output Voltage Compliance
vs. Temperature
TEMPERATURE – C
10
0
–50
0
+50
+100
+150
9
4
3
2
1
8
7
5
6
ALL BITS MAY BE "HIGH" OR "LOW"
V+ = +15V
I+
I–
IREF = 2.0mA
V– = –15V
Figure 6. Power Supply Current vs.
Temperature
DAC10
DAC10
16
17
16
17
VIN
VIN
IIN
RREF
R17
(OPTIONAL)
RIN
IREF
+VREF
RREF
RREF
R17
+VREF
IREF
PEAK NEGATIVE SWING OF IIN
+VREF MUST BE ABOVE PEAK POSITIVE SWING OF VIN
HIGH INPUT
IMPEDANCE
Figure 8. Accommodating Bipolar References



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com