Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE4490 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 9Page - Texas Instruments AFE4490 Datasheet HTML 10Page - Texas Instruments AFE4490 Datasheet HTML 11Page - Texas Instruments AFE4490 Datasheet HTML 12Page - Texas Instruments AFE4490 Datasheet HTML 13Page - Texas Instruments AFE4490 Datasheet HTML 14Page - Texas Instruments AFE4490 Datasheet HTML 15Page - Texas Instruments AFE4490 Datasheet HTML 16Page - Texas Instruments AFE4490 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
±500
±400
±300
±200
±100
0
100
200
300
400
500
0
50
100
150
200
250
TX LED DAC Setting
C017
TX_REF = 0.5V
0
20
40
60
80
100
0
50
100
150
200
250
TX LED DAC Setting
Expected + 1%
Expected ± 1%
Actual DAC Current
C018
TX Reference Voltage = 0.5V
±500
±400
±300
±200
±100
0
100
200
300
400
500
0
50
100
150
200
250
TX LED DAC Setting
C015
TX_REF = 0.5V
±500
±400
±300
±200
±100
0
100
200
300
400
500
0
50
100
150
200
250
TX LED DAC Setting
C016
TX_REF = 0.5V
10
11
12
13
14
15
0
10
20
30
40
50
Pleth Current ( A)
Duty Cycle = 1%
Duty Cycle = 5%
Duty Cycle = 10%
Duty Cycle = 15%
Duty Cycle = 20%
Duty Cycle = 25%
C013
For each setting RF adjusted for Full-
Scale Output.
Amb Cancellation & stage 2 Gain = 4
used for Low Pleth currents (0.125uA,
0.25uA & 0.5uA).
RMS noise is calculated in 5Hz B/W &
NFB is calculated using 6.6 u RMS noise.
50
60
70
80
90
100
110
120
0
20
40
60
80
100
% of Full-Scale LED Current
100mA Range
150mA Range
200mA Range
C014
AFE4490
www.ti.com
SBAS602B – DECEMBER 2012 – REVISED FEBRUARY 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RX_ANA_SUP = RX_DIG_SUP = 3.0 V, TX_CTRL_SUP = LED_DRV_SUP = 5 V, and fCLK = 8 MHz, unless
otherwise noted.
Figure 14. NOISE-FREE BITS vs
Figure 15. Tx DYNAMIC RANGE
PLETH CURRENT (PRF = 2500 Hz)
Figure 16. DAC CURRENT STEP vs
Figure 17. DAC CURRENT STEP vs
Tx LED SETTING (Tx Range = 200 mA)
Tx LED SETTING (Tx Range = 150 mA)
Figure 18. DAC CURRENT STEP vs
Figure 19. Tx CURRENT LINEARITY (100-mA Range)
Tx LED SETTING (Tx Range = 100 mA)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com