Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7640FC Datasheet(PDF) 24 Page - Texas Instruments

Part # ISO7640FC
Description  Low Power Triple and Quad Channels Digital Isolators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7640FC Datasheet(HTML) 24 Page - Texas Instruments

Back Button ISO7640FC Datasheet HTML 20Page - Texas Instruments ISO7640FC Datasheet HTML 21Page - Texas Instruments ISO7640FC Datasheet HTML 22Page - Texas Instruments ISO7640FC Datasheet HTML 23Page - Texas Instruments ISO7640FC Datasheet HTML 24Page - Texas Instruments ISO7640FC Datasheet HTML 25Page - Texas Instruments ISO7640FC Datasheet HTML 26Page - Texas Instruments ISO7640FC Datasheet HTML 27Page - Texas Instruments ISO7640FC Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
TA = 25
oC, C
L = 15 pF
VCC1 = V CC2 = 5 V
Pattern: NRZ 2
16-1
TA = 25
oC, C
L = 15 pF
VCC1 = V CC2 = 3.3 V
Pattern: NRZ 2
16-1
ISO7631FM, ISO7631FC
ISO7640FC, ISO7641FC
SLLSEC3A – SEPTEMBER 2012 – REVISED SEPTEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 25. M-Grade Typical Eye Diagram at 150 Mbps,
Figure 26. M-Grade Typical Eye Diagram at 150 Mbps,
5 V Operation
3.3 V Operation
Figure 27. C-Grade Typical Eye Diagram at 25 Mbps, 5 V
Figure 28. C-Grade Typical Eye Diagram at 25 Mbps, 3.3 V
Operation
Operation
spacer
REVISION HISTORY
Changes from Original (September 2012) to Revision A
Page
•
Changed Description text From: "applications where input noise pulses of less than 10 ns duration..."
To:"applications where input noise pulses of less than 6 ns duration..." .............................................................................. 1
•
Changed Input PU in the Function table From: Z To: 'Undetermined .................................................................................. 2
•
Added note "Product Preview" to ISO7640FC ..................................................................................................................... 3
24
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ISO7631FM ISO7631FC ISO7640FC ISO7641FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com