Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7641FC Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7641FC
Description  Low Power Triple and Quad Channels Digital Isolators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7641FC Datasheet(HTML) 4 Page - Texas Instruments

  ISO7641FC Datasheet HTML 1Page - Texas Instruments ISO7641FC Datasheet HTML 2Page - Texas Instruments ISO7641FC Datasheet HTML 3Page - Texas Instruments ISO7641FC Datasheet HTML 4Page - Texas Instruments ISO7641FC Datasheet HTML 5Page - Texas Instruments ISO7641FC Datasheet HTML 6Page - Texas Instruments ISO7641FC Datasheet HTML 7Page - Texas Instruments ISO7641FC Datasheet HTML 8Page - Texas Instruments ISO7641FC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
ISO7631FM, ISO7631FC
ISO7640FC, ISO7641FC
SLLSEC3A – SEPTEMBER 2012 – REVISED SEPTEMBER 2012
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
PARAMETER
UNIT
MIN
MAX
Supply voltage(2)
VCC1, VCC2
–0.5
6
V
Voltage
INx, OUTx, ENx
–0.5
6
V
Output Current, IO
±15
mA
Human Body Model
ESDA, JEDEC JS-001-2012
±4
kV
Field-Induced Charged Device
Electrostatic discharge
JEDEC JESD22-C101E
All pins
±1.5
kV
Model
Machine Model
JEDEC JESD22-A115-A
±200
V
Maximum junction temperature, TJ
150
°C
Storage temperature, TSTG
-65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to the local ground terminal (GND1 or GND2) and are peak
voltage values.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN
TYP
MAX
UNIT
M-Grade
2.7
5.5
Supply voltage
VCC1, VCC2
V
C-Grade
3
5.5
High-level output current
IOH
-4
mA
Low-level output current
IOL
4
mA
High-level input voltage
VIH
2
VCC
V
Low-level input voltage
VIL
0
0.8
V
M-Grade:
≥3V-Operation
6.67
Input pulse duration
tui
M-Grade: <3V-Operation
10
ns
C-Grade:
≥3V-Operation
40
M-Grade:
≥3V-Operation
0
150
Signaling rate
1 / tui
M-Grade: <3V-Operation
0
100
Mbps
C-Grade:
≥3V-Operation
0
25
Junction temperature
TJ
-40
136
°C
Ambient temperature
TA
-40
25
125
°C
THERMAL INFORMATION
ISO76xx
THERMAL METRIC(1)
UNITS
DW (16 Pins)
θJA
Junction-to-ambient thermal resistance
72
θJC(top)
Junction-to-case(top) thermal resistance
38
θJB
Junction-to-board thermal resistance
39
°C/W
ψJT
Junction-to-top characterization parameter
9.4
ψJB
Junction-to-board characterization parameter
n/a
θJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
VCC1 = VCC2 = 5.5V, TJ = 150°C, CL = 15pF
PD
Maximum Device Power Dissipation
399
mW
Input a 75 MHz 50% duty cycle square wave
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ISO7631FM ISO7631FC ISO7640FC ISO7641FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com