Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7631FCDWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7631FCDWR
Description  Low Power Triple and Quad Channels Digital Isolators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7631FCDWR Datasheet(HTML) 2 Page - Texas Instruments

  ISO7631FCDWR Datasheet HTML 1Page - Texas Instruments ISO7631FCDWR Datasheet HTML 2Page - Texas Instruments ISO7631FCDWR Datasheet HTML 3Page - Texas Instruments ISO7631FCDWR Datasheet HTML 4Page - Texas Instruments ISO7631FCDWR Datasheet HTML 5Page - Texas Instruments ISO7631FCDWR Datasheet HTML 6Page - Texas Instruments ISO7631FCDWR Datasheet HTML 7Page - Texas Instruments ISO7631FCDWR Datasheet HTML 8Page - Texas Instruments ISO7631FCDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
ISO7631FM, ISO7631FC
ISO7640FC, ISO7641FC
SLLSEC3A – SEPTEMBER 2012 – REVISED SEPTEMBER 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION CONTINUED
Each isolation channel has a logic input and output buffer separated by a silicon dioxide (SiO2) insulation barrier.
Used in conjunction with isolated power supplies, these devices prevent noise currents on a data bus or other
circuits from entering the local ground and interfering with or damaging sensitive circuitry. The devices have TTL
input thresholds and can operate from 2.7 V (M-Grade), 3.3 V and 5 V supplies. All inputs are 5 V tolerant when
supplied from 3.3 V or 2.7 V supplies.
PIN DESCRIPTIONS
PIN
I/O
DESCRIPTION
NAME
ISO7640
ISO7641
ISO7631
INA
3
3
3
I
Input, channel A
INB
4
4
4
I
Input, channel B
INC
5
5
12
I
Input, channel C
IND
6
11
-
I
Input, channel D
OUTA
14
14
14
O
Output, channel A
OUTB
13
13
13
O
Output, channel B
OUTC
12
12
5
O
Output, channel C
OUTD
11
6
-
O
Output, channel D
Enables (when input is High or Open) or Disables (when input is Low) OUTA, OUTB,
EN
10
-
-
I
OUTC and OUTD of ISO7640
Enables (when input is High or Open) or Disables (when input is Low) OUTD of
EN1
-
7
7
I
ISO7641 and OUTC of ISO7631
Enables (when input is High or Open) or Disables (when input is Low) OUTA, OUTB,
and OUTC of ISO7641
EN2
-
10
10
I
Enables (when input is High or Open) or Disables (when input is Low) OUTA and
OUTB of ISO7631
VCC1
1
1
1
–
Power supply, VCC1
VCC2
16
16
16
–
Power supply, VCC2
GND1
2,8
2,8
2,8
–
Ground connection for VCC1
GND2
9,15
9,15
9,15
–
Ground connection for VCC2
NC
7
-
6,11
-
No Connect pins are floating with no internal connection
Table 1. FUNCTION TABLE(1)
INPUT
OUTPUT
INPUT
OUTPUT ENABLE
OUTPUT
VCC
VCC
(INx)
(ENx)
(OUTx)
H
H or Open
H
L
H or Open
L
PU
PU
X
L
Z
Open
H or Open
L
PD
PU
X
H or Open
L
PD
PU
X
L
Z
PU
PD
X
X
Undetermined
(1)
PU = Powered Up(VCC ≥ 2.7 V); PD = Powered Down (VCC ≤ 2.1 V); X = Irrelevant; H = High Level; L
= Low Level; Z = High Impedance
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ISO7631FM ISO7631FC ISO7640FC ISO7641FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com