Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7641FCDW Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7641FCDW
Description  Low Power Triple and Quad Channels Digital Isolators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7641FCDW Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7641FCDW Datasheet HTML 17Page - Texas Instruments ISO7641FCDW Datasheet HTML 18Page - Texas Instruments ISO7641FCDW Datasheet HTML 19Page - Texas Instruments ISO7641FCDW Datasheet HTML 20Page - Texas Instruments ISO7641FCDW Datasheet HTML 21Page - Texas Instruments ISO7641FCDW Datasheet HTML 22Page - Texas Instruments ISO7641FCDW Datasheet HTML 23Page - Texas Instruments ISO7641FCDW Datasheet HTML 24Page - Texas Instruments ISO7641FCDW Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
0
0.5
1
1.5
2
2.5
0
5
10
15
20
25
Data Rate (Mbps)
ICC1 at 3.3 V
ICC1 at 5 V
ICC2 at 3.3 V
ICC2 at 5 V
TA = 25°C
CL = 15 pF
G100
0
1
2
3
4
5
6
7
8
9
0
5
10
15
20
25
Data Rate (Mbps)
ICC1 at 3.3 V
ICC1 at 5 V
ICC2 at 3.3 V
ICC2 at 5 V
TA = 25°C
CL = 15 pF
G101
0
0.5
1
1.5
2
2.5
0
5
10
15
20
25
Data Rate (Mbps)
ICC1 at 3.3 V
ICC1 at 5 V
ICC2 at 3.3 V
ICC2 at 5 V
TA = 25°C
CL = 15 pF
G202
0
1
2
3
4
5
6
7
0
5
10
15
20
25
Data Rate (Mbps)
ICC1 at 3.3 V
ICC1 at 5 V
ICC2 at 3.3 V
ICC2 at 5 V
TA = 25°C
CL = 15 pF
G203
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
Data Rate (Mbps)
ICC1 at 3.3 V
ICC1 at 5 V
ICC2 at 3.3 V
ICC2 at 5 V
TA = 25°C
CL = 15 pF
G200
0
4
8
12
16
20
24
0
20
40
60
80
100
120
140
160
Data Rate (Mbps)
ICC1 at 3.3 V
ICC1 at 5 V
ICC2 at 3.3 V
ICC2 at 5 V
TA = 25°C
CL = 15 pF
G201
ISO7631FM, ISO7631FC
ISO7640FC, ISO7641FC
www.ti.com
SLLSEC3A – SEPTEMBER 2012 – REVISED SEPTEMBER 2012
TYPICAL CHARACTERISTICS
Figure 8. ISO7631FM Supply Current Per Channel
Figure 9. ISO7631FM Supply Current For All Channels
vs Data Rate
vs Data Rate
Figure 10. ISO7631FC Supply Current Per Channel
Figure 11. ISO7631FC Supply Current For All Channels
vs Data Rate
vs Data Rate
Figure 12. ISO7640FC Supply Current Per Channel
Figure 13. ISO7640FC Supply Current For All Channels
vs Data Rate
vs Data Rate
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ISO7631FM ISO7631FC ISO7640FC ISO7641FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com