Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA313IDBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA313IDBVR
Description  1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA313IDBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA313IDBVR Datasheet HTML 7Page - Texas Instruments OPA313IDBVR Datasheet HTML 8Page - Texas Instruments OPA313IDBVR Datasheet HTML 9Page - Texas Instruments OPA313IDBVR Datasheet HTML 10Page - Texas Instruments OPA313IDBVR Datasheet HTML 11Page - Texas Instruments OPA313IDBVR Datasheet HTML 12Page - Texas Instruments OPA313IDBVR Datasheet HTML 13Page - Texas Instruments OPA313IDBVR Datasheet HTML 14Page - Texas Instruments OPA313IDBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Time (1 s/div)
C011
1
10
100
1000
1
10
100
1k
10k
100k
Frequency (Hz)
C012
V
S = 5.5 V
V
S = 1.8 V
0
20
40
60
80
100
120
10
100
1k
10k
100k
1M
Frequency (Hz)
C009
+PSRR
-PSRR
CMRR
60
65
70
75
80
85
90
95
100
105
110
-50
-25
0
25
50
75
100
125
Temperature (oC)
C001
PSRR
CMRR
V
CM = ±0.2 V to 5.2 V
-1500
-1200
-900
-600
-300
0
300
600
900
1200
1500
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Common-Mode Voltage (V)
C007
Typical Units
V
S = 5.5 V
-1500
-1200
-900
-600
-300
0
300
600
900
1200
1500
-50
-25
0
25
50
75
100
125
Temperature (oC)
C008
Typical Units
V
S = 5.5 V
OPA313
OPA2313
OPA4313
www.ti.com
SBOS649C – SEPTEMBER 2012 – REVISED MARCH 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25 °C, VS = 5 V, RL = 10 kΩ connected to VS / 2, and VCM = VOUT = VS / 2, unless otherwise noted.
Figure 7. OFFSET VOLTAGE vs COMMON-MODE VOLTAGE
Figure 8. OFFSET VOLTAGE vs TEMPERATURE
Figure 9. CMRR AND PSRR vs FREQUENCY
Figure 10. CMRR AND PSRR vs TEMPERATURE
(Referred-to-Input)
Figure 11. 0.1-Hz TO 10-Hz INPUT VOLTAGE NOISE
Figure 12. INPUT VOLTAGE NOISE SPECTRAL DENSITY vs
FREQUENCY
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA313 OPA2313 OPA4313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com