Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4313 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4313
Description  1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4313 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA4313 Datasheet HTML 5Page - Texas Instruments OPA4313 Datasheet HTML 6Page - Texas Instruments OPA4313 Datasheet HTML 7Page - Texas Instruments OPA4313 Datasheet HTML 8Page - Texas Instruments OPA4313 Datasheet HTML 9Page - Texas Instruments OPA4313 Datasheet HTML 10Page - Texas Instruments OPA4313 Datasheet HTML 11Page - Texas Instruments OPA4313 Datasheet HTML 12Page - Texas Instruments OPA4313 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
OPA313
OPA2313
OPA4313
www.ti.com
SBOS649C – SEPTEMBER 2012 – REVISED MARCH 2013
TYPICAL CHARACTERISTICS
Table 1. Characteristic Performance Measurements
TITLE
FIGURE
Open-Loop Gain and Phase vs Frequency
Figure 1
Open-Loop Gain vs Temperature
Figure 2
Quiescent Current vs Supply Voltage
Figure 3
Quiescent Current vs Temperature
Figure 4
Offset Voltage Production Distribution
Figure 5
Offset Voltage Drift Distribution
Figure 6
Offset Voltage vs Common-Mode Voltage (Maximum Supply)
Figure 7
Offset Voltage vs Temperature
Figure 8
CMRR and PSRR vs Frequency (RTI)
Figure 9
CMRR and PSRR vs Temperature
Figure 10
0.1-Hz to 10-Hz Input Voltage Noise (5.5 V)
Figure 11
Input Voltage Noise Spectral Density vs Frequency (1.8 V, 5.5 V)
Figure 12
Input Voltage Noise vs Common-Mode Voltage (5.5 V)
Figure 13
Input Bias and Offset Current vs Temperature
Figure 14
Open-Loop Output Impedance vs Frequency
Figure 15
Maximum Output Voltage vs Frequency and Supply Voltage
Figure 16
Output Voltage Swing vs Output Current (over Temperature)
Figure 17
Closed-Loop Gain vs Frequency, G = 1, –1, 10 (1.8 V)
Figure 18
Closed-Loop Gain vs Frequency, G = 1, –1, 10 (5.5 V)
Figure 19
Small-Signal Overshoot vs Load Capacitance
Figure 20
Phase Margin vs Capacitive Load
Figure 21
Small-Signal Step Response, Noninverting (1.8 V)
Figure 22
Small-Signal Step Response, Noninverting ( 5.5 V)
Figure 23
Large-Signal Step Response, Noninverting (1.8 V)
Figure 24
Large-Signal Step Response, Noninverting ( 5.5 V)
Figure 25
Positive Overload Recovery
Figure 26
Negative Overload Recovery
Figure 27
No Phase Reversal
Figure 28
Channel Separation vs Frequency (Dual)
Figure 29
THD+N vs Amplitude (G = +1, 2 k
Ω, 10 kΩ)
Figure 30
THD+N vs Amplitude (G = –1, 2 k
Ω, 10 kΩ)
Figure 31
THD+N vs Frequency (0.5 VRMS, G = +1, 2 kΩ, 10 kΩ)
Figure 32
EMIRR IN+ vs Frequency
Figure 33
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA313 OPA2313 OPA4313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com