Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC312HS Datasheet(PDF) 3 Page - Analog Devices

Part # DAC312HS
Description  12-Bit High Speed Multiplying D/A Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC312HS Datasheet(HTML) 3 Page - Analog Devices

  DAC312HS Datasheet HTML 1Page - Analog Devices DAC312HS Datasheet HTML 2Page - Analog Devices DAC312HS Datasheet HTML 3Page - Analog Devices DAC312HS Datasheet HTML 4Page - Analog Devices DAC312HS Datasheet HTML 5Page - Analog Devices DAC312HS Datasheet HTML 6Page - Analog Devices DAC312HS Datasheet HTML 7Page - Analog Devices DAC312HS Datasheet HTML 8Page - Analog Devices DAC312HS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ELECTRICAL CHARACTERISTICS
DAC312E
DAC312F
DAC312H
Parameter
Symbol
Conditions
Min
Typ
Max
Min Typ
Max
Min
Typ
Max
Units
Logic Input
Levels “0”
VIL
VLC = GND
0.8
0.8
0.8
V
Logic Input
Levels “1”
VIH
VLC = GND
2
2
2
V
Logic Input
Current
IIN
VIN = –5 V to +18 V
40
40
40
µA
Logic Input
Swing
VIS
–5
+18
–5
+18
–5
+18
V
Reference Bias
Current
I15
0
–0.5
–2
0
–0.5
–2
0
–0.5
–2
µA
Reference Input
dl/dt
R14(eq) = 800 Ω
4
8
4
8
4
8
mA/
µs
Slew Rate
CC = 0 pF (Note 1)
V+ = +13.5 V to +16.5 V,
±0.0005 ±0.001
±0.0005 ±0.001
±0.0005 ±0.001 %FS/%∆V
Power Supply
PSSIFS+
V– = –15 V
Sensitivity
PSSIFS–
V– = –13.5 V to –16.5 V,
±0.00025 ±0.001
±0.00025 ±0.001
±0.00025 ±0.001 %FS/%∆V
V+ = +15 V
Power Supply
V+
4.5
18
4.5
18
4.5
18
Range
V–
VOUT = 0 V
–18
–10.8
–18
–10.8
–18
–10.8
V
I+
3.3
7
3.3
7
3.3
7
Power Supply
I–
V+ = +5 V, V– = –15 V
–13.9
–18
–13.9
–18
–13.9
–18
Current
I+
V+ = +15 V, V– = –15 V
3.9
7
3.9
7
3.9
7
mA
I–
–13.9
–18
–13.9
–18
–13.9
–18
Power
V+ = +5 V, V– = –15 V
225
305
225
305
225
305
Dissipation
Pd
V+ = +15 V, V– = –15 V
267
375
267
375
267
375
mW
NOTES
1Guaranteed by design.
2T
A = +25
°C for DAC312H grade only.
Specifications subject to change without notice.
@ VS =
15 V, IREF = 1.0 mA, 0 C
≤ T
A
≤ 70 C for DAC312E and –40 C ≤ T
A
≤ +85 C for
DAC312F, DAC312H, unless otherwise noted. Output characteristics refer to both IOUT and IOUT. Continued
–3–
REV. C
DAC312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com