Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD5S115YFFR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPD5S115YFFR
Description  HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD5S115YFFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPD5S115YFFR Datasheet HTML 3Page - Texas Instruments TPD5S115YFFR Datasheet HTML 4Page - Texas Instruments TPD5S115YFFR Datasheet HTML 5Page - Texas Instruments TPD5S115YFFR Datasheet HTML 6Page - Texas Instruments TPD5S115YFFR Datasheet HTML 7Page - Texas Instruments TPD5S115YFFR Datasheet HTML 8Page - Texas Instruments TPD5S115YFFR Datasheet HTML 9Page - Texas Instruments TPD5S115YFFR Datasheet HTML 10Page - Texas Instruments TPD5S115YFFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TPD5S115
www.ti.com
SLVSBL2B – OCTOBER 2012 – REVISED MARCH 2013
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
Standby
VCCA
I/O's = High
2
µA
ICCA
Active
VCCA
I/O's = High
15
µA
EN = L
Standby
VBAT
0.5
µA
LS_OE = L
EN = H
DC/DC and HPD Active VBAT
30
50
µA
ICCB
LS_OE = L
EN = H
DC/DC, HPD, DDC,
VBAT
LS_OE = L
225
300
µA
CEC Active
I/O's = H
DC-DC Converter
VBAT
Input Voltage Range
2.3
5.5
V
Includes voltage references, DC load /
5VOUT
Total DC Output Voltage
line regulations, process and
4.90
5.0
5.13
V
temperature
Includes voltage references, DC load /
line regulations, transient load / line
TOVA
Total Output Voltage Accuracy
4.80
5.0
5.3
V
regulations, ripple, process and
temperature
IO = 65 mA
50.6
mV
VIO_Ripple
Output Voltage Ripple, Loaded
(p-p)
IO = 150 mA
16
VBAT = 2.3 V - 5.5
F_clk
Internal operating frequency
3.5
MHz
V
From EN input to 5 V Power Output
tstart
Startup time
187
µs
90% point.
VBAT = 2.3 V to 5.5
Output Current
55
mA
V
IO
Reverse Leakage Current VO
EN= L, VO = 5.5 V
2.5
µA
Leakage Current from Battery to VO
EN= L
5.0
µA
Falling
2.0
V
VBATUV
Under voltage Lockout Threshold
Rising
2.1
V
VBAT = 3.4 V, a pulse of 217 Hz 600
Line Transient Response
mVp-p square wave.
17.1
mVpk
IO = 20/ 65 mA
VBAT = 3.4 V, IO = 5 - 65 mA, pulse of
Load Transient Response
10 µSec,
63.5
mVpk
TRise = TFall = 0.1 µs
I_inrush
inrush current, average over T_startup time
Vbat = 2.3 V - 5.5 V Iout = 65 mA
168
mA
(startup)
ISC
Short Circuit Current Limit from Output
90
mA
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPD5S115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com