Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8222GP Datasheet(PDF) 7 Page - Analog Devices

Part # DAC8222GP
Description  Dual 12-Bit Double-Buffered Multiplying CMOS D/A Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8222GP Datasheet(HTML) 7 Page - Analog Devices

Back Button DAC8222GP Datasheet HTML 3Page - Analog Devices DAC8222GP Datasheet HTML 4Page - Analog Devices DAC8222GP Datasheet HTML 5Page - Analog Devices DAC8222GP Datasheet HTML 6Page - Analog Devices DAC8222GP Datasheet HTML 7Page - Analog Devices DAC8222GP Datasheet HTML 8Page - Analog Devices DAC8222GP Datasheet HTML 9Page - Analog Devices DAC8222GP Datasheet HTML 10Page - Analog Devices DAC8222GP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DAC8222
–7–
REV. C
Figure 18. Burn-In Circuit
PARAMETER DEFINITIONS
RESOLUTION (n)
The resolution of a DAC is the number of states (2
n) into which
the full-scale range (FSR) is divided (or resolved); where n is
equal to the number of bits.
RELATIVE ACCURACY (INL)
Relative accuracy, or integral nonlinearity, is the maximum de-
viation of the analog output (from the ideal) from a straight line
drawn between the end points. It is expressed in terms of least
significant bit (LSB), or as a percent of full scale.
DIFFERENTIAL NONLINEARITY (DNL)
Differential nonlinearity is the worst case deviation of any adja-
cent analog output from the ideal 1 LSB step size. The devia-
tion of the actual “step size” from the ideal step size of 1 LSB is
called the differential nonlinearity error or DNL. DACs with
DNL greater than
±1 LSB may be nonmonotonic ±1/2 LSB
INL guarantees monotonicity and
±1 LSB maximum DNL.
GAIN ERROR (GFSE)
Gain error is the difference between the actual and the ideal
analog output range, expressed as a percent of full-scale or in
terms of LSB value. It is the deviation in slope of the DAC
transfer characteristic from ideal.
See Orientation in Digital-to-Analog Converters Section of the
current data book, for additional parameter definitions.
GENERAL CIRCUIT DESCRIPTION
CONVERTER SECTION
The DAC8222 contains four 12-bit registers (two input regis-
ters and two DAC registers), two highly stable thin-film R-2R
resistor ladder networks, and interface control logic circuitry.
Also included are 24 single-pole, double-throw, NMOS transis-
tor current switches.
Figure 19. Simplified Single DAC Circuit Configuration.
(Switches Are Shown for All Digital Inputs at Zero)
Figure 20. N-Channel Current Steering Switch
Figure 19 shows a simplified circuit for the R-2R ladder network
and transistor switches for one DAC. R is typically 11 k
Ω. The
transistor switches are binarily scaled in size to maintain a con-
stant voltage drop across each switch. Figure 20 shows a single
NMOS transistor switch.
The binary-weighted currents are switched between IOUT and
AGND by the N-channel MOS transistor switches. The selec-
tion between IOUT and AGND is determined by the digital input
code. It is important to note here that the voltage difference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com