Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSI10A Datasheet(PDF) 1 Page - DB Lectro Inc

Part # MSI10A
Description  Mylar Speaker
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSI10A Datasheet(HTML) 1 Page - DB Lectro Inc

  MSI10A Datasheet HTML 1Page - DB Lectro Inc MSI10A Datasheet HTML 2Page - DB Lectro Inc MSI10A Datasheet HTML 3Page - DB Lectro Inc MSI10A Datasheet HTML 4Page - DB Lectro Inc MSI10A Datasheet HTML 5Page - DB Lectro Inc MSI10A Datasheet HTML 6Page - DB Lectro Inc MSI10A Datasheet HTML 7Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Speaker
Mylar Speaker
www.hk-sound.com
P.85
MSI10A Series
Specifications:
Parameters
Units
MSI10A140MS8
Unit: mm • Tolerance: 0.5mm
Fundamental Frequency (fo)
Hz
1400
Frequency Range
Hz
Fo - 5000
Rated Power
W
0.5
Max Power
W
1
Sound Pressure Level
dB
76
3
Impedance
8
Operating Temperature
°C
-20 - +60
Frame Material
-
Metal
Weight
g
0.7
Value applying at 1m 1W 1.5k, 1.8k, 2k, 2.5kHz Average
MSI13A Series
Specifications:
Parameters
Units
MSI13A090MS8
Unit: mm • Tolerance: 0.5mm
Fundamental Frequency (fo)
Hz
900
Frequency Range
Hz
Fo - 15000
Rated Power
W
0.2
Max Power
W
0.5
Sound Pressure Level
dB
83
3
Impedance
8
Operating Temperature
°C
-20 - +60
Frame Material
-
Metal
Weight
g
1.1
Value applying at 0.1m 0.1W 1k, 1.5k, 2k, 2.5kHz Average
MSI13B Series
Specifications:
Parameters
Units
MSI13B090PR8
Unit: mm • Tolerance: 0.5mm
Fundamental Frequency (fo)
Hz
900
Frequency Range
Hz
Fo - 15000
Rated Power
W
0.5
Max Power
W
0.75
Sound Pressure Level
dB
89
3
Impedance
8
Operating Temperature
°C
-30 - +70
Frame Material
-
Plastic
Weight
g
1.3
Value applying at 0.1m 0.1W 1k, 1.2k, 1.5k, 2kHz Average


Similar Part No. - MSI10A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Meipusen Semic...
MSI120N08G MAPLESMI-MSI120N08G Datasheet
871Kb / 6P
80V N-Channel MOSFET
logo
Mechatronics, Inc.
MSI1225 MECHATRONICS-MSI1225 Datasheet
500Kb / 1P
DC IMPELLERS
MSI1225H MECHATRONICS-MSI1225H Datasheet
500Kb / 1P
DC IMPELLERS
MSI1380 MECHATRONICS-MSI1380 Datasheet
591Kb / 1P
DC IMPELLERS
MSI1380H MECHATRONICS-MSI1380H Datasheet
591Kb / 1P
DC IMPELLERS
More results

Similar Description - MSI10A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GF1004M ETC1-GF1004M Datasheet
90Kb / 2P
102mm, square frame, 6.0W, mylar cone Speaker
logo
CUI INC
CMS0361KLX CUI-CMS0361KLX Datasheet
224Kb / 2P
speaker
logo
Projects Unlimited, Inc...
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
Speaker
AS01708MR-SC-R PUI-AS01708MR-SC-R Datasheet
243Kb / 1P
Speaker
AS01808MR-R PUI-AS01808MR-R Datasheet
251Kb / 1P
Speaker
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
Speaker
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
CMY1302 CANOPUS-CMY1302 Datasheet
532Kb / 1P
Mylar Speaker
logo
List of Unclassifed Man...
ABS-205 ETC1-ABS-205 Datasheet
714Kb / 2P
Speaker - Mylar Cone
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com