Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8562 Datasheet(PDF) 7 Page - Analog Devices

Part # DAC8562
Description  5 Volt, Parallel Input Complete 12-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8562 Datasheet(HTML) 7 Page - Analog Devices

Back Button DAC8562 Datasheet HTML 3Page - Analog Devices DAC8562 Datasheet HTML 4Page - Analog Devices DAC8562 Datasheet HTML 5Page - Analog Devices DAC8562 Datasheet HTML 6Page - Analog Devices DAC8562 Datasheet HTML 7Page - Analog Devices DAC8562 Datasheet HTML 8Page - Analog Devices DAC8562 Datasheet HTML 9Page - Analog Devices DAC8562 Datasheet HTML 10Page - Analog Devices DAC8562 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DAC8562
REV. A
–7–
0.01
0.1
10
1.0
5.0
4.8
4.0
4.6
4.4
4.2
0.04
0.4
4.0
OUTPUT LOAD CURRENT – mA
∆VFS ≤ 1 LSB
DATA = FFFH
TA = +25°C
PROPER OPERATION
WHEN VDD SUPPLY
VOLTAGE ABOVE
CURVE
Figure 11. Minimum Supply
Voltage vs. Load
0
5
16µs
VDD = +5V
TA = +25°C
TIME – 10µs/DIV
Figure 14. Output Voltage Rise
Time Detail
50
0
10
30
20
40
–6
–8
16
10 12
68
14
4
0
–2
–4
2
TOTAL UNADJUSTED ERROR – LSB
TUE =
INL+ZS+FS
SS = 300 UNITS
TA = +25°C
Σ
Figure 17. Total Unadjusted
Error Histogram
2.028
2.018
2.048
2.038
0
5
TIME – 200ns/DIV
DATA = 204810 TO 204710
Figure 12. Midscale Transition
Performance
0
5
VDD = +5V
TA = +25°C
TIME – 10µs/DIV
16µs
Figure 15. Output Voltage Fall
Time Detail
4.125
4.115
4.105
4.095
4.085
4.075
–50
–25
0
25
50
75
100
125
AVG +1
σ
AVG
AVG –1
σ
VDD = +5V
NO LOAD
SS = 300 PCS
TEMPERATURE –
°C
Figure 18. Full-Scale Voltage
vs. Temperature
5
0
4
3
2
1
0
10
90
100
0%
TIME = 20µs/DIV
20µs
1V
5V
VDD = +5V
TA = +25°C
Figure 13. Large Signal Settling
Time
+25
°C & +85°C
V
DD = +5V
T
A = –40°C, 25°C, +85°C
–40
°C
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
0
1024 1536 2048 2560 3072 3584 4096
512
DIGITAL INPUT CODE – Decimal
Figure 16. Linearity Error vs.
Digital Code
3
–1
125
0
–25
–50
1
2
100
75
50
25
0
TEMPERATURE –
°C
DATA = 000H
NO LOAD
VDD = +5.0V
Figure 19. Zero-Scale Voltage vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com