Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8412FP Datasheet(PDF) 9 Page - Analog Devices

Part # DAC8412FP
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8412FP Datasheet(HTML) 9 Page - Analog Devices

Back Button DAC8412FP Datasheet HTML 5Page - Analog Devices DAC8412FP Datasheet HTML 6Page - Analog Devices DAC8412FP Datasheet HTML 7Page - Analog Devices DAC8412FP Datasheet HTML 8Page - Analog Devices DAC8412FP Datasheet HTML 9Page - Analog Devices DAC8412FP Datasheet HTML 10Page - Analog Devices DAC8412FP Datasheet HTML 11Page - Analog Devices DAC8412FP Datasheet HTML 12Page - Analog Devices DAC8412FP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DAC8412/DAC8413
–9–
REV. D
–1.96 s
32.5mV
+5V
INPUT
0
5mV/DIV
5
TRIG'D
–17.5mV
2 s/DIV
18.04 s
V
DIV
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = +25 C
1 LSB ERROR BAND
Figure 20. Settling Time (Positive)
–580ns
10V
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = +25 C
1V/
DIV
TRIG'D
0V
1 s/DIV
9.42 s
EA
Figure 23. Negative Slew Rate
10M
10
01M
100k
10k
1k
100
–10
0
–30
–50
FREQUENCY – Hz
VDD = +15V
VSS = –15V
VREFH = 0 100mV
VREFL = –10V
DATA BITS = +5V
200mV p-p
Figure 26. Small Signal Response
–1.96 s
15.5mV
0
INPUT
–5V
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = +25 C
2mV/DIV
5
TRIG'D
–4.5mV
2 s/DIV
18.04 s
V
DIV
Figure 21. Settling Time (Negative)
100
0.01
10.0
1.00
0.10
0.6
1.0
LOAD RESISTANCE – K
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = +25 C
0.8
0.4
0.2
0.0
–0.2
Figure 24. DAC 8412 INL vs. Load
Resistance
TEMPERATURE – C
10
–10
150
–6
–75
2
–2
6
75
0
ISS
IDD
VDD = +15V
VSS = –15V
Figure 27. Power Supply Current vs.
Temperature
–580ns
10V
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = +25 C
1V/
DIV
TRIG'D
0V
1 s/DIV
9.42 s
EA
Figure 22. Positive Slew Rate
100
0.01
10.0
1.00
0.10
8
12
LOAD RESISTANCE – K
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = +25 C
10
6
4
2
0
Figure 25. DAC 8412 Output Swing
vs. Load Resistance
100
0
1M
60
20
100
40
10
80
100k
10k
1k
FREQUENCY – Hz
+PSRR:
VDD = +15V 1Vp
VSS = –15V
–PSRR:
VDD = +15V
VSS = –15V 1V
VREFH = 10V
ALL DATA 0
+PSRR
–PSRR
Figure 28. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com