Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8420FS Datasheet(PDF) 10 Page - Analog Devices

Part # DAC8420FS
Description  Quad 12-Bit Serial Voltage Output DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420FS Datasheet(HTML) 10 Page - Analog Devices

Back Button DAC8420FS Datasheet HTML 6Page - Analog Devices DAC8420FS Datasheet HTML 7Page - Analog Devices DAC8420FS Datasheet HTML 8Page - Analog Devices DAC8420FS Datasheet HTML 9Page - Analog Devices DAC8420FS Datasheet HTML 10Page - Analog Devices DAC8420FS Datasheet HTML 11Page - Analog Devices DAC8420FS Datasheet HTML 12Page - Analog Devices DAC8420FS Datasheet HTML 13Page - Analog Devices DAC8420FS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DAC8420
REV. 0
–10–
+31.25mV
–18.75mV
+90.2µs
–9.8µs
+10µs/DIV
t
SETT ≈ 13µs
LD
0mV
4.88mV
1 LSB
TA = +25°C
VDD = +15V, VSS = –15V
VVREFHI = +10V
VVREFLO = –10V
Figure 17. Settling Time (+)(
±15 V)
+43.75mV
–6.25mV
+90.2µs
–9.8µs
+10µs/DIV
t
SETT ≈ 13µs
–4.88mV
0mV
1 LSB
CLR
TA = +25°C
VDD = +15V, VSS = –15V
VVREFHI = +10V
VVREFLO = –10V
Figure 18. Settling Time (–)(
±15 V)
+5V
–5V
152.4µs
–47.6µs
+1V
/DIV
0
20µs/DIV
SRRISE = 1.65
SRFALL = 1.17
V
µs
V
µs
TA = +25°C
VDD = +5V, VSS = –5V
VVREFHI = +2.5V
VVREFLO = –2.5V
Figure 19. Slew Rate (
±5 V)
–20
10
100
10M
1M
100k
10k
1k
–10
0
+10
–30
TA = +25°C
VDD = +15V, VSS = –15V
VVREFHI = 0 ± 100mV
VVREFLO = –10V
ALL BITS HIGH 200mV p-p
FREQUENCY – Hz
Figure 21. Small-Signal Response
+25V
–25V
166.4µs
–33.6µs
+5V
/DIV
0
20µs/DIV
SRRISE = 1.9
V
µs
SRFALL = 2.02
V
µs
LD
CLR
TA = +25°C
VDD = +15V, VSS = –15V
VVREFHI = +10V, VVREFLO = –10V
Figure 20. Slew Rate (
±15 V)
100
10
50
0
100
1k
10k
100k
1M
60
70
80
90
10
20
30
40
TA = +25°C
DATA = 000H
VDD = +15V ±1V, VSS = –15V
VVREFHI = +10V
VVREFLO = –10V
FREQUENCY – Hz
Figure 22. PSRR vs. Frequency
6
–6
150
0
–4
–2
–75
4
2
75
0
TEMPERATURE – °C
IDD
ISS
VDD = +15V
VSS = –15V
VVREFHI = +10V
VVREFLO = –10V
ALL DACS HIGH (FULL SCALE)
Figure 23. Power Supply Current
vs. Temperature
VOUTA THROUGH VOUTD
TA = +25°C
VDD = +15V
VSS = –15V
VVREFHI = +10V
VVREFLO = –10V
DATA = 800H
5V/DIV
Figure 24. DAC Output Current vs.
VOUTX
10
100
10k
1k
10
8
0
6
4
2
LOAD RESISTANCE –
Ω
TA = +25°C
VDD = +15V
VSS = –15V
VVREFHI = +10V
VVREFLO = –10V
DATA = FFFH OR 000H
Figure 25. Output Swing vs.
Load Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com