Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8426FP Datasheet(PDF) 1 Page - Analog Devices

Part # DAC8426FP
Description  Quad 8-Bit Voltage Out CMOS DAC Complete with Internal 10 V Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8426FP Datasheet(HTML) 1 Page - Analog Devices

  DAC8426FP Datasheet HTML 1Page - Analog Devices DAC8426FP Datasheet HTML 2Page - Analog Devices DAC8426FP Datasheet HTML 3Page - Analog Devices DAC8426FP Datasheet HTML 4Page - Analog Devices DAC8426FP Datasheet HTML 5Page - Analog Devices DAC8426FP Datasheet HTML 6Page - Analog Devices DAC8426FP Datasheet HTML 7Page - Analog Devices DAC8426FP Datasheet HTML 8Page - Analog Devices DAC8426FP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Quad 8-Bit Voltage Out CMOS DAC
Complete with Internal 10 V Reference
DAC8426
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
GENERAL DESCRIPTION
The DAC8426 is a complete quad voltage output D/A converter
with internal reference. This product fits directly into any exist-
ing 7226 socket where the user currently has a 10 V external
reference. The external reference is no longer necessary. The
internal reference of the DAC8426 is laser-trimmed to
±0.4%
FEATURES
No Adjustments Required, Total Error
1 LSB Max
Over Temperature
Four Voltage-Output DACs on a Single Chip
Internal 10 V Bandgap Reference
Operates from Single
15 V Supply
Fast 50 ns Data Load Time, All Temperatures
Pin-for-Pin Replacement for PM-7226 and AD7226,
Eliminates External Reference
APPLICATIONS
Process Controls
Multichannel Microprocessor Controlled:
System Calibration
Op Amp Offset and Gain Adjust
Level and Threshold Setting
offering a 25 ppm/
°C temperature coefficient and 5 mA of exter-
nal load driving capability.
The DAC8426 contains four 8-bit voltage-output CMOS D/A
converters on a single chip. A 10 V output bandgap reference
sets the output full-scale voltage. The circuit also includes four
input latches and interface control logic.
One of the four latches, selected by the address inputs, is loaded
from the 8-bit data bus input when the write strobe is active
low. All digital inputs are TTL/CMOS (5 V) compatible. The
on-board amplifiers can drive up to 10 mA from either a single
or dual supply. The on-board reference that is always connected
to the internal DACs has 5 mA available to drive external devices.
Its compact size, low power, and economical cost-per-channel,
make the DAC8426 attractive for applications requiring mul-
tiple D/A converters without sacrificing circuit-board space. Sys-
tem reliability is also increased due to reduced parts count.
PMI’s advanced oxide-based, silicon-gate, CMOS process al-
lows the DAC8426’s analog and digital circuitry to be manufac-
tured on the same chip. This, coupled with PMI’s highly stable
thin-film R-2R resistor ladder, aids in matching and tempera-
ture tracking between DACs.
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - DAC8426FP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8426 AD-DAC8426_15 Datasheet
276Kb / 12P
Quad 8-Bit Voltage Out CMOS DAC Complete with Internal 10 V Reference
REV. C
More results

Similar Description - DAC8426FP

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2626 WOLFSON-WM2626 Datasheet
109Kb / 11P
Low Power Dual 8-bit Serial Input DAC with Internal Reference
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
12-bit Serial Input Voltage Output DAC with Internal Reference
WM2637 WOLFSON-WM2637 Datasheet
262Kb / 11P
Dual 10-Bit Serial Input Voltage Output DAC with Internal Reference
WM2639 WOLFSON-WM2639 Datasheet
342Kb / 10P
12-Bit Parallel Input Voltage Output DAC with Internal Reference
logo
Analog Devices
AD7225 AD-AD7225 Datasheet
339Kb / 12P
LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV.B
AD7225LNZ AD-AD7225LNZ Datasheet
400Kb / 24P
LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
DAC8426 AD-DAC8426_15 Datasheet
276Kb / 12P
Quad 8-Bit Voltage Out CMOS DAC Complete with Internal 10 V Reference
REV. C
logo
Texas Instruments
DAC80504 TI1-DAC80504 Datasheet
85Kb / 4P
Quad, 16-Bit, SPI Voltage Output DAC With Internal Reference
DAC81404 TI-DAC81404 Datasheet
3Mb / 45P
DAC81404 Quad, 16-Bit, High-Voltage-Output DAC With Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com