Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0725A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C0725A
Description  COMPUTER CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C0725A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C0725A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT DATA SHEET
Part Number:
C0725A
Revision Level:
02
Date:
June 20, 2005
6P 22 7/30 TC SRPVC OAS PVC
COMPUTER CABLE
A.
CONSTRUCTION
DIAMETERS
1)
CONDUCTOR:
#22 AWG 7/30 Tinned Copper
0.030” nom.
2)
INSULATION:
0.010” Wall Semi-Rigid Polyvinyl Chloride
0.050 “nom.
3)
COLOR CODE:
1.
Black-Red
2.
Black-White
3.
Black-Green
4.
Black-Blue
5.
Black-Yellow
6.
Black-Brown
4)
TWINNING:
12 Conductors into 6 Pairs @ 2.00” LHL
0.100” nom.
5)
CABLE:
6 Pairs @ 3.50” LHL with aluminum/polyester (foil out) &
# 22 7/30 TC drain wire.
0.253” nom.
6)
JACKET:
0.032” Wall Polyvinyl Chloride – Gray
0.317” +/- 0.016”
7)
PRINT LEGEND:
CAROL (R) 22 AWG - - C0725A - - 75C E111240-8 CMR (UL) C (UL) OR 80C
AWM STYLE 2464 300V - - - CSA LL69381 CMG - - MADE IN USA (DATE
CODE)
B.
INDUSTRY APPROVALS
National Electrical Code
Article 800
UL Standard 444
Type CMR(UL) C(UL)
UL Standard 758
AWM Style 2464
CSA International
CMG
C.
ELECTRICAL PROPERTIES
1)
TEMPERATURE:
80 C
2)
SUGGESTED WORKING VOLTAGE (Vrms):
300Vrms
3)
CONDUCTOR D.C. RESISTANCE:
16.6 Ohms/1000 ft. nom. @ 20 C
4)
SHIELD RESISTANCE:
6.2 Ohms/1000 ft. nom. @ 20 C
5)
MUTUAL CAPACITANCE:
26.6 pF/ft. @ 1kHz nom.
6)
GROUND CAPACITANCE:
45.9 pF/ft. @ 1kHz nom.
7)
CHARACTERISTIC IMPEDANCE:
76 Ohms @ 1 MHz nom.
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C0725A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0720A GENERAL-C0720A Datasheet
81Kb / 1P
COMPUTER CABLE
C0721A GENERAL-C0721A Datasheet
81Kb / 1P
COMPUTER CABLE
C0723A GENERAL-C0723A Datasheet
81Kb / 1P
COMPUTER CABLE
C0724A GENERAL-C0724A Datasheet
81Kb / 1P
COMPUTER CABLE
C0726A GENERAL-C0726A Datasheet
81Kb / 1P
COMPUTER CABLE
More results

Similar Description - C0725A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0515A GENERAL-C0515A Datasheet
75Kb / 1P
Computer Cable
C0601A GENERAL-C0601A Datasheet
81Kb / 1P
COMPUTER CABLE
C0604A GENERAL-C0604A Datasheet
81Kb / 1P
COMPUTER CABLE
C0620A GENERAL-C0620A Datasheet
81Kb / 1P
COMPUTER CABLE
C0621A GENERAL-C0621A Datasheet
81Kb / 1P
COMPUTER CABLE
C0630A GENERAL-C0630A Datasheet
81Kb / 1P
COMPUTER CABLE
C0724A GENERAL-C0724A Datasheet
81Kb / 1P
COMPUTER CABLE
C0726A GENERAL-C0726A Datasheet
81Kb / 1P
COMPUTER CABLE
C0741A GENERAL-C0741A Datasheet
73Kb / 1P
COMPUTER CABLE
C0748A GENERAL-C0748A Datasheet
75Kb / 1P
COMPUTER CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com