Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD7707EB Datasheet(PDF) 3 Page - Analog Devices

Part # EVAL-AD7707EB
Description  Evaluation Board for the AD7707 3V/5V, /-10V Input Range, 1mW, 3Channel, 16-Bit, Sigma Delta ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7707EB Datasheet(HTML) 3 Page - Analog Devices

  EVAL-AD7707EB Datasheet HTML 1Page - Analog Devices EVAL-AD7707EB Datasheet HTML 2Page - Analog Devices EVAL-AD7707EB Datasheet HTML 3Page - Analog Devices EVAL-AD7707EB Datasheet HTML 4Page - Analog Devices EVAL-AD7707EB Datasheet HTML 5Page - Analog Devices EVAL-AD7707EB Datasheet HTML 6Page - Analog Devices EVAL-AD7707EB Datasheet HTML 7Page - Analog Devices EVAL-AD7707EB Datasheet HTML 8Page - Analog Devices EVAL-AD7707EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
- 3 -
Rev. 0
EVAL-AD7707EB
EVALUATION BOARD INTERFACING
Interfacing to the evaluation board is via either a 9-way d-type connector, SKT1 or a 36-way centronics connector, SKT2.
The pin-out for the SKT1 connector is shown in Fig. 2 and its pin designations are given in Table 2.
The pin-out for the
SKT2 connector is shown in Fig. 3 and its pin designations are given in Table 3.
SKT2 is used to connect the evaluation board to the parallel (printer) port of a PC. Connection is via a standard printer cable.
SKT1 is used to connect the evaluation to any other system. The evaluation board should be powered up before a cable is
connected to either of these connectors.
Fig. 2: Pin Configuration for the 9-Way D-Type Connector, SKT1.
Table 2.:
SKT1 Pin Description
1
1
SCLK
Serial Clock. The signal on this pin is buffered before being applied to the SCLK pin of the AD7707.
2
DRDY
Logic output. This is a buffered version of the signal on the AD7707
DRDY pin
3
CS
Chip Select. The signal on this pin is buffered before being applied to the
CS pin on the AD7707.
4
RESET Reset Input. Data applied to this pin is buffered before being applied to the AD7707 RESET pin.
5
D I N
Serial Data Input. Data applied to this pin is buffered before being applied to the AD7707 DIN pin.
6
DGND
Ground reference point for the digital circuitry. Connects to the DGND plane on the Evaluation board.
7
DOUT
Serial Data Output. This is a buffered version of the signal on the AD7707 DOUT pin.
8DV
DD
Digital Supply Voltage. If no voltage is applied to the board's DV
DD
input terminal then the voltage applied to
this pin will supply the DV
DD
for the digital buffers.
9
N C
Not Connected.
Note
1 An explanation of the AD7707 functions mentioned here is given in Table 3 overleaf as part of the SKT2 pin descriptions.
SET-UP CONDITIONS
Care should be taken before applying power and signals to the evaluation board to ensure that all link positions are as per the
required operating mode.
Table 1 shows the position in which all the links are set when the evaluation board is sent out.
Table 1:
Initial Link and Switch Positions
Link No.
Position
Function
LK1
B + B
Both links in position "B" to select the on-board crystal as the master clock for the AD7707.
LK2
A
This selects the AD780 +2.5V output
as the on-board reference.
LK3
A
This connects the REFIN(-) input of the AD7707 to AGND.
LK4
A
The on-board reference provides the reference voltage for the REFIN(+) input of the AD7707.
LK5
I N
The AIN1 pin on the AD7707 is tied to the analog input sockets SKT3.
LK6
I N
The AIN2 pin on the AD7707 is tied to the analog input sockets SKT4.
LK7
I N
The AIN3 pin on the AD7707 is tied to the analog input sockets SKT5.
LK8
A
The LCOM pin on the AD7707 is tied to the AGND.
LK9
A
The HBIAS pin of the AD7707 is tied to the REFIN+ pin.
LK10
A
The HCOM pin on the AD7707 is tied to the AGND.
24
3
1
5
67
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com