Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18503KCS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18503KCS
Description  40-V, N-Channel NexFET Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD18503KCS Datasheet(HTML) 2 Page - Texas Instruments

  CSD18503KCS Datasheet HTML 1Page - Texas Instruments CSD18503KCS Datasheet HTML 2Page - Texas Instruments CSD18503KCS Datasheet HTML 3Page - Texas Instruments CSD18503KCS Datasheet HTML 4Page - Texas Instruments CSD18503KCS Datasheet HTML 5Page - Texas Instruments CSD18503KCS Datasheet HTML 6Page - Texas Instruments CSD18503KCS Datasheet HTML 7Page - Texas Instruments CSD18503KCS Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CSD18503KCS
SLPS368 – SEPTEMBER 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain to Source Voltage
VGS = 0V, ID = 250μA
40
V
IDSS
Drain to Source Leakage Current
VGS = 0V, VDS = 32V
1
μA
IGSS
Gate to Source Leakage Current
VDS = 0V, VGS = 20V
100
nA
VGS(th)
Gate to Source Threshold Voltage
VDS = VGS, ID = 250μA
1.5
1.9
2.3
V
VGS = 4.5V, ID = 75A
5.4
6.8
m
Ω
RDS(on)
Drain to Source On Resistance
VGS = 10V, ID = 75A
3.6
4.5
m
Ω
gfs
Transconductance
VDS = 20V, ID = 75A
98
S
Dynamic Characteristics
Ciss
Input Capacitance
2500
3150
pF
Coss
Output Capacitance
VGS = 0V, VDS = 20V, f = 1MHz
480
600
pF
Crss
Reverse Transfer Capacitance
12
16
pF
RG
Series Gate Resistance
1.4
2.8
Ω
Qg
Gate Charge Total (4.5V)
15
18
nC
Qg
Gate Charge Total (10V)
30
36
nC
Qgd
Gate Charge Gate to Drain
VDS = 20V, ID = 75A
4.6
nC
Qgs
Gate Charge Gate to Source
7.7
nC
Qg(th)
Gate Charge at Vth
4.7
nC
Qoss
Output Charge
VDS = 20V, VGS = 0V
30
nC
td(on)
Turn On Delay Time
5.7
ns
tr
Rise Time
5.3
ns
VDS = 20V, VGS = 10V,
IDS = 75A, RG = 0Ω
td(off)
Turn Off Delay Time
14
ns
tf
Fall Time
6.8
ns
Diode Characteristics
VSD
Diode Forward Voltage
ISD = 75A, VGS = 0V
0.8
1
V
Qrr
Reverse Recovery Charge
60
nC
VDS= 20V, IF = 75A,
di/dt = 300A/
μs
trr
Reverse Recovery Time
37
ns
THERMAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Thermal Resistance Junction to Case
0.9
°C/W
RθJA
Thermal Resistance Junction to Ambient
62
°C/W
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: CSD18503KCS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com