Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADF4113EB1 Datasheet(PDF) 6 Page - Analog Devices

Part # EVAL-ADF4113EB1
Description  GSM900 Evaluation Board For PLL Frequency Synthesizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF4113EB1 Datasheet(HTML) 6 Page - Analog Devices

  EVAL-ADF4113EB1 Datasheet HTML 1Page - Analog Devices EVAL-ADF4113EB1 Datasheet HTML 2Page - Analog Devices EVAL-ADF4113EB1 Datasheet HTML 3Page - Analog Devices EVAL-ADF4113EB1 Datasheet HTML 4Page - Analog Devices EVAL-ADF4113EB1 Datasheet HTML 5Page - Analog Devices EVAL-ADF4113EB1 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EVAL-ADF4113EB1
REV.PrB 04/00
–6–
Table 1. Bill of Materials for the EVAL-ADF4113EB1
Qty Reference Designator
Description
Manufacturer
PCB DECAL
VALUE
1
U1
ADF4113BRU
ADI
TSSOP-16
ADF4113BRU
1
U2
AD7706BR
ADI
SO16WB
AD7706BR
1
U3
AD780AR
ADI
SO8NB
AD780AR
1
U4
ADP3300ART-5
ADI
SOT23-6
ADP3300ART-5
1
U5
ADP3300ART-3
ADI
SOT23-6
ADP3300ART-3
1
VCO1
VCO190-902T
Vari-L (Acal Elect. = Disti)
VCO190-902T
1
Y1
4.9152MHz Crystal
Vectron International
HC49 low profile
VXA4-1011
1
Y2
10 MHz TCXO
Vectron International
T-1185
1
D1
SD103C Schottky Diode
General Semiconductor
DO35
SD103C
1
D2
IN4001
D035
FEC 365-117
1
D3
Red Low Power LED
Vishay
LED
FEC 657-130
1
D4
Green Low Power LED (Do Not Insert) Vishay
LED
FEC 657-141
2
C1 C41
0.1uF Multi Layer Ceramic Capacitor Murata
Case 0603
FEC 499-675
1
C2
10uF 6.3V Tantalum Capacitor
AVX
CAP\TAJ_B
FEC 197-014
4
C3 C26 C27 C28
100pF Multi Layer Ceramic Capacitor Murata
Case 0603
FEC 499-122
2
C4 C31
22uF 6.3V Tantalum Capacitor
AVX
CAP\TAJ_A
FEC 197-038
3
C5 C7 C11
0.1uF Multi Layer Ceramic Capacitor Murata
Case 0805
FEC 317-627
5
C6 C8 C9 C12 C32
10pF Multi Layer Ceramic Capacitor
Murata
Case 0603
FEC 499-110
2
C13 C14
1nF Multi Layer Ceramic Capacitor
Murata
Case 0603
FEC 317-202
2
C21 C22
33pF Multi Layer Ceramic Capacitor
Murata
Case 0603
FEC 498-555
1
C23
470pF Multi Layer Ceramic Capacitor Murata
Case 0805
1
C24
4.7nF Multi Layer Ceramic Capacitor Murata
Case 0805
1
C25
20pF Multi Layer Ceramic Capacitor
Murata
Case 0805
3
C33 C36 C40
10nF Multi Layer Ceramic Capacitor
Murata
Case 0603
FEC 499-146
2
C34 C37
1uF 16V Tantalum Capacitor
AVX
CAP\TAJ_A
FEC 498-701
2
C35 C38
4.7uF 10V Tantalum Capacitor
AVX
CAP\TAJ_A
FEC 498-658
2
C39 C42
10uF 6.3V Tantalum Capacitor
AVX
CAP\TAJ_A
FEC 197-014
1
R1
20r 5% Resistor (Surface Mount)
Multicomp
Case 0805
FEC 771-132
7
R2 R5 R6 R7 R8 R9 R10
330r 1% Resistor (Surface Mount)
Multicomp
Case 0603
FEC 911-143
1
R3
3k3 1% Resistor (Surface Mount)
Multicomp
Case 0603
FEC 911-290
1
R4
4k7 1% Resistor (Surface Mount)
Multicomp
Case 0603
FEC 911-318
2
R11 R25
Do Not Insert
Case 0805
1
R18
1M 1% Resistor (Surface Mount)
Multicomp
Case 0603
FEC 911-598
1
R19
7k5 1% Resistor (Surface Mount)
Case 0805
1
R20
20k 1% Resistor (Surface Mount)
Case 0805
3
R21 R22 R23
18r 1% Resistor (Surface Mount)
Multicomp
Case 0603
FEC 911-021
1
R24
51r 1% Resistor (Surface Mount)
Multicomp
Case 0603
3
R27 R28 R29
10k 1% Resistor (Surface Mount)
Multicomp
Case 0603
FEC 911-355
6
R30 R31 R32 R33 R40 R41 100k 0.1% Resistor (Surface Mount)
Meggitt
Case 0603
FEC 911-471
2
R36 R37
330K 1% Resistor (Surface Mount)
Multicomp
Case 0603
FEC 911-537
2
R38 R39
0r 1% Resistor (Surface Mount)
Multicomp
Case 0603
FEC 772-227
1
R12
0r 1% Resistor - Do Not Insert
Multicomp
Case 0603
FEC 772-227
1
R42
4k7 1% Resistor (Surface Mount)
Multicomp
Case 0805
FEC 911-938
1
SW1
Push Button Switch
Omron
SW\PB-SMALL
FEC 176-986
1
SW2
SPDT Switch - (Washable)
Apem
SW_SIP-3P
FEC 150-559
18
T1-15 T19-21
Red Testpoint
W Hughes
TESTPOINT
FEC-240-345
1
J1
9 PIN D-TYPE MALE (HORIZ)
McMurdo
DCON9M
FEC 150-750
5
J2 J3 J4 J5 J6
Do Not Insert
SMA
2
J7
GOLD 50Ω SMA SOCKE
Pasternack
SMA
PE4118
3
LK1 LK4 LK5
3 pin header
Harwin
SIP-3P
FEC 512-047
1
LK2-B
Wire Link
1
LK3
2 pin header
Harwin
SIP-2P
FEC 512-035
4
LK1 LK3-5
Shorting Shunt
Harwin
FEC 150-410
2
P1
Pair PCB snap-on battery connector
Keystone
BATT_PP3
FEC 723-988
1
P1
9V PP3 Battery
Duracell
FEC 908-526
4
Each Corner
Rubber Stick-On Feet
3M
FEC 148-922
1
EVAL-ADF411XEB1
PCB
ADI
Parts Free issued by ADI.
Leave position blank - Do not insert.
Vari-L - UK Distributors - Acal Electronics Tel 0044 1252 858585



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com