Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM60 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM60
Description  2.7V, SOT-23 or TO-92 Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60 Datasheet(HTML) 1 Page - Texas Instruments

  LM60 Datasheet HTML 1Page - Texas Instruments LM60 Datasheet HTML 2Page - Texas Instruments LM60 Datasheet HTML 3Page - Texas Instruments LM60 Datasheet HTML 4Page - Texas Instruments LM60 Datasheet HTML 5Page - Texas Instruments LM60 Datasheet HTML 6Page - Texas Instruments LM60 Datasheet HTML 7Page - Texas Instruments LM60 Datasheet HTML 8Page - Texas Instruments LM60 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SVA-1268123
SVA-1268101
SVA-1268102
LM60/LM60-Q1
LM60/LM60-Q1
www.ti.com
SNIS119D – MAY 2004 – REVISED NOVEMBER 2012
LM60/LM60-Q1 2.7V, SOT-23 or TO-92 Temperature Sensor
Check for Samples: LM60/LM60-Q1
1
FEATURES
DESCRIPTION
The LM60/LM60-Q1 is a precision integrated-circuit
Calibrated linear scale factor of +6.25 mV/°C
temperature sensor that can sense a
−40°C to
Rated for full
−40°C to +125°C range
+125°C temperature range while operating from a
Suitable for remote applications
single +2.7V supply. The LM60/LM60-Q1's output
voltage is linearly proportional to Celsius (Centigrade)
Available in SOT-23 and TO-92 packages
temperature (+6.25 mV/°C) and has a DC offset of
LM60Q is AEC-Q100 Grade 1 qualified and is
+424
mV.
The
offset
allows
reading
negative
manufactured on an Automotive Grade flow.
temperatures without the need for a negative supply.
The nominal output voltage of the LM60/LM60-Q1
APPLICATIONS
ranges from +174 mV to +1205 mV for a
−40°C to
+125°C temperature range. The LM60/LM60-Q1 is
Automotive
calibrated to provide accuracies of ±2.0°C at room
Cell Phones & Computers
temperature and ±3°C over the full
−25°C to +125°C
Power Supply Modules
temperature range.
Battery Management
The LM60/LM60-Q1's linear output, +424 mV offset,
FAX Machines & Printers
and factory calibration simplify external circuitry
required in a single supply environment where
HVAC & Disk Drives
reading negative temperatures is required. Because
Appliances
the LM60/LM60-Q1's quiescent current is less than
110
μA, self-heating is limited to a very low 0.1°C in
KEY SPECIFICATIONS
still air in the SOT-23 package. Shutdown capability
for
the
LM60/LM60-Q1
is
intrinsic
because
its
Accuracy at 25°C: ±2.0°C and ±3.0°C (max)
inherent low power consumption allows it to be
Accuracy for
−40°C to +125°C: ±4.0°C (max)
powered directly from the output of many logic gates.
Accuracy for
−25°C to +125°C: ±3.0°C (max)
TYPICAL APPLICATION
Temperature Slope: +6.25mV/°C
Power Supply Voltage Range: +2.7V to +10V
Current Drain at 25°C: 110
μA (max)
Nonlinearity: ±0.8°C (max)
Output Impedance: 800
Ω (max)
CONNECTION DIAGRAMS
SOT-23 (TOP VIEW)
VO = (+6.25 mV/°C × T°C) + 424 mV
Temperature (T)
Typical VO
+125°C
+1205 mV
+100°C
+1049 mV
+25°C
+580 mV
TO-92 (BOTTOM VIEW)
0°C
+424 mV
–25°C
+268 mV
–40°C
+174 mV
Figure 1. Full-Range Centigrade Temperature Sensor
(
−40°C to 125°C) Operating from a Single Li-Ion
Battery Cell
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM60

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM60 NSC-LM60 Datasheet
221Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM60 NSC-LM60 Datasheet
637Kb / 11P
2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM60 TI2-LM60 Datasheet
1Mb / 33P
LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package
REVISED OCTOBER 2025
LM60-Q1 TI-LM60-Q1 Datasheet
1Mb / 24P
LM60 and LM60-Q1 2.7-V, SOT-23 or TO-92 Temperature Sensor
LM60-Q1 TI2-LM60-Q1 Datasheet
1Mb / 33P
LM50-Q1 and LM50HV-Q1 - Automotive (Grade 1, Grade 0), Industry-Standard (10mV/°C) Analog Temperature Sensor with ±2°C or ±3°C Accuracy, in SOT-23 Package
REVISED FEBRUARY 2026
More results

Similar Description - LM60

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM60 NSC-LM60 Datasheet
221Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61 Datasheet
242Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61_05 Datasheet
674Kb / 10P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM62 NSC-LM62_05 Datasheet
639Kb / 7P
2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
logo
Texas Instruments
LM60BIM3 TI1-LM60BIM3 Datasheet
1Mb / 17P
LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61BIM3 TI-LM61BIM3 Datasheet
1Mb / 18P
LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61CIM3 TI1-LM61CIM3 Datasheet
1Mb / 18P
LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
SM73710 TI-SM73710 Datasheet
374Kb / 12P
SM73710 2.7V, SOT-23 Temperature Sensor
LM61 TI-LM61_15 Datasheet
1Mb / 18P
LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com